Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-300H Datasheet (PDF) - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300H Datasheet PDF - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
Part # KYL-300H
Download  KYL-300H Download

File Size   697.77 Kbytes
Page   14 Pages
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
Description KYL-300H High Speed Data RadioModule

KYL-300H Datasheet (PDF)

Go To PDF Page Download Datasheet
KYL-300H Datasheet PDF - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300H
Download  KYL-300H Click to download

File Size   697.77 Kbytes
Page   14 Pages
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
Description KYL-300H High Speed Data RadioModule

KYL-300H Datasheet (HTML) - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button KYL-300H Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button 

KYL-300H Product details

Features of KYL-300H
1. Low power transmission: 5W (default), 6W~7W (optional).
2. Carrier frequency: 433MHz (default), 400-470MHz (optional)
3. High anti- interference and Low BER (Bit Error Rate)
    Based on GFSK modulation, high-efficiency forward error correction channel encoding technology is used to ensure the data’s resistance against both transient interference and random interference. The actual BER can be achieved to 10-5~ 10-6 when channel BER is 10-2.
4. Long Transmission Distance
    Within the visible range, when the height of antenna is higher than 2m and the BER is 10-3, the reliable transmission distance is 10km @1200bps and 8km@9600bps respectively.
5. Transparent data transmission
    Transparent data interface used in transceivers is to satisfy many standard and nonstandard user protocols. Any false data generated in air can be filtrated automatically (What has been received is exactly what has been transmitted).
6. Multi-channels
    KYL-300H provides 8 channels, expandable for 16, 32 channels according to requirements of users.
7. 2 ports with three connection methods
    KYL-300H transceivers provide 2 ports with three connections: a UART interface of TTL level, a non-standard RS-232 port and a non-standard RS-485 port.
8. Big data buffer area
    With optional interface baud rates: 1200/4800/9600/19200bps and 8N1/8E1/8O1 data format (decide by user), the transceiver can transmit unlimited data frames with flexible user program.
    Note: the RF data rate is only settled down before delivery; please specify our sales your requirements when placing your orders.
9. Intelligent data control system and no other extra programs required
    Even for half duplex communication, no other excessive programs are required. All RF system data transmission/reception and other On-the-Fly conversion and control are performed by KYL-300H transceivers automatically.
10. Lower power consumption & nice sleep function
    With +12V power, the receiving current is less than 30mA, the transmitting current is less than 1.5A, and the sleeping current is less than 1mA. 11. High reliability, small size and excellent performance By using monolithic radio-frequency integrated circuit and single-chip MCU, the transceivers have less peripheral circuits, high reliability, and low failure rate.
12. Various options for configurable antennas.




Similar Part No. - KYL-300H

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300H KYL-KYL-300H Datasheet
163Kb / 9P
   High Speed Data Radio Module
KYL-300H-12 KYL-KYL-300H-12 Datasheet
163Kb / 9P
   High Speed Data Radio Module
KYL-300H-192 KYL-KYL-300H-192 Datasheet
163Kb / 9P
   High Speed Data Radio Module
KYL-300H-24 KYL-KYL-300H-24 Datasheet
163Kb / 9P
   High Speed Data Radio Module
KYL-300H-48 KYL-KYL-300H-48 Datasheet
163Kb / 9P
   High Speed Data Radio Module
More results


Similar Description - KYL-300H

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300M KYL-KYL-300M Datasheet
472Kb / 14P
   KYL-300MRF Data RadioModule
KYL-210 KYL-KYL-210 Datasheet
463Kb / 14P
   KYL-210 High speed Rate RF Transceiver DataModule
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
   High-Speed Data Quantizer
logo
Nippon Precision Circui...
SM6011 NPC-SM6011 Datasheet
210Kb / 8P
   High-speed Data Converter
logo
SHENZHEN KYL COMMUNICAT...
KYL-816 KYL-KYL-816 Datasheet
212Kb / 7P
   KYL-816AnalogWirelessAcquisition module UseManual
KYL-600L KYL-KYL-600L Datasheet
199Kb / 8P
   KYL-600L Wireless audio and Data Radio Module User Manual
logo
Keysight Technologies
N5384A KEYSIGHT-N5384A Datasheet
3Mb / 10P
   High-Speed Serial Data Analysis
E2688A KEYSIGHT-E2688A Datasheet
3Mb / 10P
   High-Speed Serial Data Analysis
logo
List of Unclassifed Man...
AX10410A ETC-AX10410A Datasheet
63Kb / 2P
   High Speed Data Acquisition Module
logo
ON Semiconductor
NUP4107UPMU ONSEMI-NUP4107UPMU Datasheet
94Kb / 3P
   High Speed Data Line Protection
November, 2008 ??Rev. P0
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com