Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC711EA9MFS3 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC711EA9MFS3 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC711EA9MFS3
Download  MC68HC711EA9MFS3 Download

File Size   1818.84 Kbytes
Page   58 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit Microcontrollers

MC68HC711EA9MFS3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC711EA9MFS3 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC711EA9MFS3
Download  MC68HC711EA9MFS3 Click to download

File Size   1818.84 Kbytes
Page   58 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit Microcontrollers

MC68HC711EA9MFS3 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC68HC711EA9MFS3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC68HC711EA9MFS3 Product details

Introduction
The MC68HC11EA9 and MC68HC711EA9 microcontroller units (MCUs) are high-performance members of the M68HC11 family of MCUs. The MC68HC(7)11EA9 MCUs have a multiplexed external address and data bus and are characterized by high speed and low power consumption. Their fully static design allows operation at frequencies from 3 MHz to dc. The addition of a phase-locked loop (PLL) frequency synthesizer to the timer circuitry further enhances low-power operation and allows the use of lower frequency crystals while maintaining a clock speed of up to 3 MHz.

Features
• M68HC11 CPU
• 512 Bytes RAM (Data Retained During Standby, by use of VSTBY)
• 12 Kbytes Mask-Programmed ROM or EPROM
• 512 Bytes Electrically Erasable Programmable ROM (EEPROM)
• PROG Mode Allows Use of Standard EPROM Programmer (27C256 Footprint)
• Multiplexed Address and Data Buses Reduce Pin Count
• Enhanced 16-Bit Timer with Four-Stage Programmable Prescaler
   — Three Input Capture (IC) Channels
   — Four Output Compare (OC) Channels
   — One Additional Channel, Selectable as Fourth IC or Fifth OC
• 8-Bit Pulse Accumulator
• Phase-Locked Loop (PLL) Frequency Synthesizer for Reduced Power Consumption
• Power Saving STOP and WAIT Modes
• Real-Time Interrupt Circuit
• Computer Operating Properly (COP) Watchdog Timer
• Clock Monitor Circuit
• Enhanced Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)
• Eight-Channel 8-Bit Analog-to-Digital (A/D) Converter
• Five Input/Output (I/O) Ports (34 Pins)
   — Four Bidirectional I/O Ports (26 Pins)
   — One Fixed Input-Only Port (8 Pins)
• Two Alternate, Fixed Input-Only Pins (XIRQ pin/XPIN bit and IRQ pin/IPIN bit)
• Available in 52-Pin Plastic Leaded Chip Carrier (PLCC), 52-Pin Windowed Ceramic Leaded Chip
   Carrier (CLCC), and 56-Pin SDIP (0.070” Lead Spacing)




Similar Part No. - MC68HC711EA9MFS3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC711EA9 MOTOROLA-MC68HC711EA9 Datasheet
270Kb / 2P
   8 BIT HCMOS SINGLE CHIP MICROCONTOROLLER WITH A/D CONVERTER
MC68HC711EA9 MOTOROLA-MC68HC711EA9 Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
More results


Similar Description - MC68HC711EA9MFS3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com