Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11110AUT+ Datasheet (PDF) - Maxim Integrated Products

MAX11110AUT+ Datasheet PDF - Maxim Integrated Products
Part # MAX11110AUT+
Download  MAX11110AUT+ Download

File Size   2580.81 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs

MAX11110AUT+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11110AUT+ Datasheet PDF - Maxim Integrated Products

Part # MAX11110AUT+
Download  MAX11110AUT+ Click to download

File Size   2580.81 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs

MAX11110AUT+ Datasheet (HTML) - Maxim Integrated Products

Back Button MAX11110AUT+ Datasheet HTML 1Page - Maxim Integrated Products MAX11110AUT+ Datasheet HTML 2Page - Maxim Integrated Products MAX11110AUT+ Datasheet HTML 3Page - Maxim Integrated Products MAX11110AUT+ Datasheet HTML 4Page - Maxim Integrated Products MAX11110AUT+ Datasheet HTML 5Page - Maxim Integrated Products MAX11110AUT+ Datasheet HTML 6Page - Maxim Integrated Products MAX11110AUT+ Datasheet HTML 7Page - Maxim Integrated Products MAX11110AUT+ Datasheet HTML 8Page - Maxim Integrated Products MAX11110AUT+ Datasheet HTML 9Page - Maxim Integrated Products MAX11110AUT+ Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX11110AUT+ Product details

General Description

The MAX11102/MAX11103/MAX11105/MAX11106/MAX11110/MAX11111/MAX11115/MAX11116/MAX11117 are  12-/10-/8-bit,  compact,  high-speed,  low power, successive approximation analog-to-digital converters (ADCs). These high-performance ADCs include a high-dynamic range sample-and-hold and a high-speed serial  interface.  These  ADCs  accept  a  full-scale  input from 0V to the power supply or to the reference voltage.



Features

2Msps/3Msps Conversion Rate, No Pipeline Delay

12-/10-/8-Bit Resolution

1-/2-Channel, Single-Ended Analog Inputs

Low-Noise 73dB SNR

Variable I/O: 1.5V to 3.6V (Dual-Channel Only)

   Allows the Serial Interface to Connect Directly

   to 1.5V, 1.8V, 2.5V, or 3V Digital Systems

2.2V to 3.6V Supply Voltage

Low Power

   3.7mW at 2Msps

   5.2mW at 3Msps

Very Low Power Consumption at 2.5µA/ksps

External Reference Input (Dual-Channel Devices Only)

1.3µA Power-Down Current

SPI-/QSPI-/MICROWIRE-Compatible Serial Interface

10-Pin, 3mm x 3mm TDFN Package

10-Pin, 3mm x 5mm µMAX Package

6-Pin, 2.8mm x 2.9mm SOT23 Package

Wide -40°C to +125°C Operation




Similar Part No. - MAX11110AUT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11110AUT++ MAXIM-MAX11110AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Similar Description - MAX11110AUT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102 MAXIM-MAX11102_11 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com