Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC10ADR2G Datasheet (PDF) - ON Semiconductor

MC74HC10ADR2G Datasheet PDF - ON Semiconductor
Part # MC74HC10ADR2G
Download  MC74HC10ADR2G Download

File Size   153.7 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Triple 3-Input NAND Gate High?뭁erformance Silicon?묰ate CMOS

MC74HC10ADR2G Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC10ADR2G Datasheet PDF - ON Semiconductor

Part # MC74HC10ADR2G
Download  MC74HC10ADR2G Click to download

File Size   153.7 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Triple 3-Input NAND Gate High?뭁erformance Silicon?묰ate CMOS

MC74HC10ADR2G Datasheet (HTML) - ON Semiconductor

MC74HC10ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 8Page - ON Semiconductor

MC74HC10ADR2G Product details

The MC74HC10A is identical in pinout to the LS10. The device inputs are compatible with Standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.

Features
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 A
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance With the Requirements Defined JEDEC Standard No. 7 A
• Chip Complexity: 36 FETs or 9 Equivalent Gates
• Pb−Free Packages are Available




Similar Part No. - MC74HC10ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC10ADR2G ONSEMI-MC74HC10ADR2G Datasheet
123Kb / 6P
   Triple 3-Input NAND Gate
May, 2013 ??Rev. 2
More results


Similar Description - MC74HC10ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC132A ONSEMI-MC74HC132A_V01 Datasheet
250Kb / 10P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2021-Rev. 17
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
MC74HCT259A ONSEMI-MC74HCT259A Datasheet
133Kb / 9P
   High?뭁erformance Silicon?묰ate CMOS
April, 2011 ??Rev. 3
logo
Integral Corp.
IN74HC10A INTEGRAL-IN74HC10A Datasheet
177Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4023B KODENSHI-KK4023B Datasheet
221Kb / 5P
   Triple 3-Input NAND Gate High-Voltage Silicon-Gate CMOS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com