Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WYO103MCMCB0KR Datasheet (PDF) - Vishay Siliconix

WYO103MCMCB0KR Datasheet PDF - Vishay Siliconix
Part # WYO103MCMCB0KR
Download  WYO103MCMCB0KR Download

File Size   327.55 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC

WYO103MCMCB0KR Datasheet (PDF)

Go To PDF Page Download Datasheet
WYO103MCMCB0KR Datasheet PDF - Vishay Siliconix

Part # WYO103MCMCB0KR
Download  WYO103MCMCB0KR Click to download

File Size   327.55 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC

WYO103MCMCB0KR Datasheet (HTML) - Vishay Siliconix

WYO103MCMCB0KR Datasheet HTML 1Page - Vishay Siliconix WYO103MCMCB0KR Datasheet HTML 2Page - Vishay Siliconix WYO103MCMCB0KR Datasheet HTML 3Page - Vishay Siliconix



Similar Part No. - WYO103MCMCB0KR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO103CMKR VISHAY-WYO103CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
More results


Similar Description - WYO103MCMCB0KR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMCRAKR VISHAY-WYO472MCMCRAKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
VKO VISHAY-VKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com