Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002GP Datasheet (PDF) - Gulf Semiconductor

1N4002GP Datasheet PDF - Gulf Semiconductor
Part # 1N4002GP
Download  1N4002GP Download

File Size   147.19 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A

1N4002GP Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4002GP Datasheet PDF - Gulf Semiconductor

Part # 1N4002GP
Download  1N4002GP Click to download

File Size   147.19 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A

1N4002GP Datasheet (HTML) - Gulf Semiconductor

1N4002GP Datasheet HTML 1Page - Gulf Semiconductor 1N4002GP Datasheet HTML 2Page - Gulf Semiconductor

1N4002GP Product details

VOLTAGE: 50 TO 1000V

CURRENT: 1.0A



FEATURE

High temperature metallurgically bonded construction

Sintered glass cavity free junction

Capability of meeting environmental standard of MIL-S-19500

High temperature soldering guaranteed

350℃/10sec/0.375”lead length at 5 lbs tension

Operate at Ta =55°C with no thermal run away

Typical Ir<0.1µA




Similar Part No. - 1N4002GP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4002GP GE-1N4002GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N4002GP DIOTEC-1N4002GP Datasheet
154Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Micro Commercial Compon...
1N4002GP MCC-1N4002GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
1N4002GP MCC-1N4002GP Datasheet
560Kb / 4P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Taiwan Semiconductor Co...
1N4002GP TSC-1N4002GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results


Similar Description - 1N4002GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GP20A GULFSEMI-GP20A Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
EG1MGF GULFSEMI-EG1MGF Datasheet
180Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1000V CURRENT: 1.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com