Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN9612 Datasheet (PDF) - Fairchild Semiconductor

FAN9612 Datasheet PDF - Fairchild Semiconductor
Part # FAN9612
Download  FAN9612 Download

File Size   1313.89 Kbytes
Page   35 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Interleaved Dual BCM PFC Controllers

FAN9612 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN9612 Datasheet PDF - Fairchild Semiconductor

Part # FAN9612
Download  FAN9612 Click to download

File Size   1313.89 Kbytes
Page   35 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Interleaved Dual BCM PFC Controllers

FAN9612 Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN9612 Datasheet HTML 1Page - Fairchild Semiconductor FAN9612 Datasheet HTML 2Page - Fairchild Semiconductor FAN9612 Datasheet HTML 3Page - Fairchild Semiconductor FAN9612 Datasheet HTML 4Page - Fairchild Semiconductor FAN9612 Datasheet HTML 5Page - Fairchild Semiconductor FAN9612 Datasheet HTML 6Page - Fairchild Semiconductor FAN9612 Datasheet HTML 7Page - Fairchild Semiconductor FAN9612 Datasheet HTML 8Page - Fairchild Semiconductor FAN9612 Datasheet HTML 9Page - Fairchild Semiconductor FAN9612 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN9612 Product details

Description
The FAN9611/12 family of interleaved dual Boundary Conduction-Mode (BCM) Power-Factor-Correction (PFC) controllers operate two parallel-connected boost power trains 180° out of phase. Interleaving extends the maximum practical power level of the control technique from about 300W to greater than 800W. Unlike the continuous conduction mode (CCM) technique often used at higher power levels, BCM offers inherent zero current switching of the boost diodes, which permits the use of less expensive diodes without sacrificing efficiency. Furthermore, the input and output filters can be smaller due to ripple current cancellation and effective doubling of the switching frequency.
The converters operate with variable frequency, which is a function of the load and the instantaneous input / output voltages. The switching frequency is limited between 16.5kHz and 525kHz. The Pulse Width Modulators (PWM) implement voltage-mode control with input voltage feedforward. When configured for PFC applications, the slow voltage regulation loop results in constant on-time operation within a line cycle. This PWM method, combined with the BCM operation of the boost converters, provides automatic power factor correction.
The controllers offers bias UVLO (10V / 7.5V for FAN9611 and 12.5V / 7.5V for FAN9612), input brownout, over-current, open-feedback, output over voltage, and redundant latching over-voltage protections. Furthermore, the converters’ output power is limited independently of the input RMS voltage. Synchronization between the power stages is maintained under all operating conditions.

Features
■ Sync-Lock™ Interleaving Technology for 180° Out-of-Phase Synchronization Under All Conditions
■ Automatic Phase Disable at Light Load
■ Dead-Phase Detect Protection
■ 2.0A Sink, 1.0A Source, High-Current Gate Drivers
■ High Power Factor, Low Total Harmonic Distortion
■ Voltage-Mode Control with (VIN)2 Feedforward
■ Closed-Loop Soft-Start with User-Programmable Soft-Start Time for Reduced Overshoot
■ Minimum Restart Frequency to Avoid Audible Noise
■ Maximum Switching Frequency Clamp
■ Brownout Protection with Soft Recovery
■ Non-Latching OVP on FB Pin and Latching Second Level Protection on OVP Pin
■ Open-Feedback Protection
■ Power-Limit and Current Protection for Each Phase
■ Low Startup Current of 80µA Typical
■ Works with DC and 50Hz to 400Hz AC Inputs

Applications
■ 100-1000W AC-DC Power Supplies
■ Large Screen LCD-TV, PDP-TV, RP-TV Power
■ High-Efficiency Desktop and Server Power Supplies
■ Networking and Telecom Power Supplies
■ Solar Micro Inverters




Similar Part No. - FAN9612

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9612 FAIRCHILD-FAN9612 Datasheet
762Kb / 18P
   Design Consideration for Interleaved Boundary Conduction Mode PFC
FAN9612 FAIRCHILD-FAN9612 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
FAN9612 FAIRCHILD-FAN9612 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
More results


Similar Description - FAN9612

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com