Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12052A Datasheet (PDF) - Motorola, Inc

MC12052A Datasheet PDF - Motorola, Inc
Part # MC12052A
Download  MC12052A Download

File Size   252.82 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.1 GHz Super Low Power Dual Modulus Prescaler

MC12052A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC12052A Datasheet PDF - Motorola, Inc

Part # MC12052A
Download  MC12052A Click to download

File Size   252.82 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.1 GHz Super Low Power Dual Modulus Prescaler

MC12052A Datasheet (HTML) - Motorola, Inc

MC12052A Datasheet HTML 1Page - Motorola, Inc MC12052A Datasheet HTML 2Page - Motorola, Inc MC12052A Datasheet HTML 3Page - Motorola, Inc MC12052A Datasheet HTML 4Page - Motorola, Inc

MC12052A Product details

The MC12052A is a super low power dual modulus prescaler used in phase–locked loop applications. Motorola’s advanced Bipolar MOSAIC V technology is utilized to achieve low power dissipation of 2.7 mW at a minimum supply voltage of 2.7 V. The MC12052A can be used with CMOS synthesizers requiring positive edges to trigger internal counters such as Motorola’s MC145XXX series in a PLL to provide tuning signals up to 1.1 GHz in programmable frequency steps.

A Divide Ratio Control (SW) permits selection of a 64/65 or 128/129 divide ratio as desired.

The Modulus Control (MC) selects the proper divide number after SW has been biased to select the desired divide ratio.



• 1.1 GHz Toggle Frequency

• The MC12052 is Pin and Functionally Compatible with the MC12022

• Low Power 1.0 mA Typical

• 2.0 mA Maximum, –40 to 85°C, VCC = 2.7 to 5.5 Vdc

• Short Setup Time (tset) 16 ns Maximum @ 1.1 GHz

• Modulus Control Input Level is Compatible with Standard CMOS and TTL

• Maximum Input Voltage Should Be Limited to 6.5 Vdc




Similar Part No. - MC12052A

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC12052AD LANSDALE-MC12052AD Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
MC12052AD LANSDALE-MC12052AD Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
More results


Similar Description - MC12052A

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com