Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13144 Datasheet (PDF) - Motorola, Inc

MC13144 Datasheet PDF - Motorola, Inc
Part # MC13144
Download  MC13144 Download

File Size   328.45 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias

MC13144 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC13144 Datasheet PDF - Motorola, Inc

Part # MC13144
Download  MC13144 Click to download

File Size   328.45 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias

MC13144 Datasheet (HTML) - Motorola, Inc

MC13144 Datasheet HTML 1Page - Motorola, Inc MC13144 Datasheet HTML 2Page - Motorola, Inc MC13144 Datasheet HTML 3Page - Motorola, Inc MC13144 Datasheet HTML 4Page - Motorola, Inc MC13144 Datasheet HTML 5Page - Motorola, Inc MC13144 Datasheet HTML 6Page - Motorola, Inc MC13144 Datasheet HTML 7Page - Motorola, Inc MC13144 Datasheet HTML 8Page - Motorola, Inc

MC13144 Product details

VHF – 2.0 GHz Low Noise Amplifier with Programmable Bias

The MC13144 is designed in the Motorola High Frequency Bipolar MOSIAC V™ wafer process to provide excellent performance in analog and digital communication systems. It includes a cascoded LNA usable up to 2.0 GHz and at 1.8 Vdc, with 2 bit digital programming of the LNA bias. Targeted applications are in the UHF Family Radio Services, UHF and 800 MHz Special Mobile Radio, 800 MHz Cellular and GSM, PCS, DECT and PHS at 1.8 to 2.0 GHz and Cordless Telephones in the 902 to 928 MHz band covered by FCC Title 47; Part 15. The MC13144 offers the following features:

• 17 dB Gain at 900 MHz
• 1.4 dB Noise Figure at 900 MHz
• 1.0 dB Compression Point of –7.0 dBm; Input Third Order Intercept Point of –5.0 dBm
• Low Operating Supply Voltage (1.8 to 6.0 Vdc)
• Programmable Bias with Enable 1 and Enable 2
• Enable 1 and Enable 2 Programmed High for Optimal Noise Figure and Gain Associated with NF
• Can Override Enable and Externally Program In Up to 15 mA




Similar Part No. - MC13144

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results


Similar Description - MC13144

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67023-396LF SKYWORKS-SKY67023-396LF Datasheet
2Mb / 16P
   2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
List of Unclassifed Man...
PBA2 ETC2-PBA2 Datasheet
432Kb / 5P
   Programmable Gain and Bias Amplifier Low noise I/V amplifier
logo
Mimix Broadband
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com