Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2715 Datasheet (PDF) - Rohm

2SK2715 Datasheet PDF - Rohm
Part # 2SK2715
Download  2SK2715 Download

File Size   138.71 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (500V, 2A)

2SK2715 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2715 Datasheet PDF - Rohm

Part # 2SK2715
Download  2SK2715 Click to download

File Size   138.71 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (500V, 2A)

2SK2715 Datasheet (HTML) - Rohm

2SK2715 Datasheet HTML 1Page - Rohm 2SK2715 Datasheet HTML 2Page - Rohm 2SK2715 Datasheet HTML 3Page - Rohm 2SK2715 Datasheet HTML 4Page - Rohm

2SK2715 Product details

Features
1) Low on-resistance.
2) Fast switching speed.
3) Wide SOA (safe operating area).
4) Gate-source voltage (VGSS) guaranteed to be ±30V.
5) Easily designed drive circuits.
6) Easy to use in parallel.




Similar Part No. - 2SK2715

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2715 ROHM-2SK2715 Datasheet
79Kb / 5P
   10V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK2715 KEXIN-2SK2715 Datasheet
43Kb / 1P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SK2715 VBSEMI-2SK2715 Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
2SK2715 ISC-2SK2715 Datasheet
378Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Rohm
2SK2715 ROHM-2SK2715_1 Datasheet
79Kb / 5P
   10V Drive Nch MOS FET
More results


Similar Description - 2SK2715

ManufacturerPart #DatasheetDescription
logo
Rohm
RDD022N50 ROHM-RDD022N50 Datasheet
815Kb / 15P
   Nch 500V 2A Power MOSFET
RDD023N50 ROHM-RDD023N50 Datasheet
837Kb / 15P
   Nch 500V 2A Power MOSFET
logo
Unisonic Technologies
2N50_1109 UTC-2N50_1109 Datasheet
181Kb / 6P
   2A, 500V N-CHANNEL POWER MOSFET
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
logo
Shindengen Electric Mfg...
2SK2178 SHINDENGEN-2SK2178 Datasheet
272Kb / 6P
   VX-2 Series Power MOSFET(500V 2A)
logo
STMicroelectronics
L4972A STMICROELECTRONICS-L4972A_05 Datasheet
1Mb / 22P
   2A SWITCHING REGULATOR
logo
Rohm
2SK2094 ROHM-2SK2094 Datasheet
127Kb / 4P
   Small switching (60V, 2A)
2SK2103 ROHM-2SK2103 Datasheet
127Kb / 4P
   Small switching (30V, 2A)
2SK2463 ROHM-2SK2463 Datasheet
137Kb / 4P
   Small switching (60V, 2A)
2SK3065 ROHM-2SK3065 Datasheet
85Kb / 4P
   Small switching (60V, 2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com