Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9817FV Datasheet (PDF) - Rohm

BU9817FV Datasheet PDF - Rohm
Part # BU9817FV
Download  BU9817FV Download

File Size   103.25 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4-channel temperature sensor IC for PCs with I2C BUS interface

BU9817FV Datasheet (PDF)

Go To PDF Page Download Datasheet
BU9817FV Datasheet PDF - Rohm

Part # BU9817FV
Download  BU9817FV Click to download

File Size   103.25 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4-channel temperature sensor IC for PCs with I2C BUS interface

BU9817FV Datasheet (HTML) - Rohm

Back Button BU9817FV Datasheet HTML 1Page - Rohm BU9817FV Datasheet HTML 2Page - Rohm BU9817FV Datasheet HTML 3Page - Rohm BU9817FV Datasheet HTML 4Page - Rohm BU9817FV Datasheet HTML 5Page - Rohm BU9817FV Datasheet HTML 6Page - Rohm BU9817FV Datasheet HTML 7Page - Rohm BU9817FV Datasheet HTML 8Page - Rohm BU9817FV Datasheet HTML 9Page - Rohm BU9817FV Datasheet HTML 10Page - Rohm Next Button 

BU9817FV Product details

The BU9817FV is a 4-channel, 8-bit, A / D converter / overvoltage detector that is perfect for temperature sensors with built-in I2C BUS interfaces. The host can access the BU9817FV anytime for the voltage data.

Features
1) By attaching a thermistor, a maximum four-channel temperature sensor is possible.
2) Can set comparison voltages independently.
3) Built-in I2C BUS interface.
4) Detection level and operating mode settings are programmable.
5) Extremely low operating current perfect for portable equipment.
6) Operating voltage of VDD = 3V to 5.5V.

Applications
    Notebook computers, desktop computers, household electric appliances




Similar Part No. - BU9817FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU98032CH-3BW ROHM-BU98032CH-3BW Datasheet
288Kb / 7P
   65,536 Colors 132RGB x 132 STN LCD control driver
BU9829GUL-W ROHM-BU9829GUL-W Datasheet
147Kb / 5P
   Silicon Monolithic Integrated Circuit
BU9829GUL-W ROHM-BU9829GUL-W Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9829GUL-W ROHM-BU9829GUL-W Datasheet
888Kb / 27P
   WLCSP EEPROM
BU9829GUL-WE2 ROHM-BU9829GUL-WE2 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
More results


Similar Description - BU9817FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9910KV ROHM-BU9910KV Datasheet
135Kb / 15P
   Status display LCD driver for PCs with I2C Bus interface
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com