Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0797580006 Datasheet (PDF) - Molex Electronics Ltd.

0797580006 Datasheet PDF - Molex Electronics Ltd.
Part # 0797580006
Download  0797580006 Download

File Size   156.89 Kbytes
Page   2 Pages
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.
Description PicoBlade 26 AWG,UL1061,150MM

0797580006 Datasheet (PDF)

Go To PDF Page Download Datasheet
0797580006 Datasheet PDF - Molex Electronics Ltd.

Part # 0797580006
Download  0797580006 Click to download

File Size   156.89 Kbytes
Page   2 Pages
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.
Description PicoBlade 26 AWG,UL1061,150MM

0797580006 Datasheet (HTML) - Molex Electronics Ltd.

0797580006 Datasheet HTML 1Page - Molex Electronics Ltd. 0797580006 Datasheet HTML 2Page - Molex Electronics Ltd.



Similar Part No. - 0797580006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580006 MOLEX1-0797580006 Datasheet
42Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, 152mm, 26 AWG
0797580006 MOLEX1-0797580006_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, 152mm, 26 AWG
More results


Similar Description - 0797580006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580014 MOLEX9-0797580014 Datasheet
156Kb / 2P
   PicoBlade 26 AWG,UL1061,300MM
0797580006 MOLEX1-0797580006_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, 152mm, 26 AWG
0797580014 MOLEX1-0797580014_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, 304mm, 26 AWG
0500798000 MOLEX1-0500798000_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Crimp Terminal, 26-28 AWG, Reel
0500798100 MOLEX1-0500798100_17 Datasheet
32Kb / 1P
   1.25mm Pitch PicoBlade Crimp Terminal, 26-28 AWG, Bag
0797580003 MOLEX9-0797580003 Datasheet
157Kb / 2P
   SL Female (Sn) 22 AWG,UL1061,150MM
0797580008 MOLEX9-0797580008 Datasheet
156Kb / 2P
   Pico-SPOX Female (Sn) 24 AWG,UL1061,150MM
0797580002 MOLEX9-0797580002 Datasheet
157Kb / 2P
   Micro-Fit Female (Sn) 20 AWG,UL1061,150MM
0500798100 MOLEX6-0500798100 Datasheet
116Kb / 4P
   1.25mm (.049") Pitch PicoBlade Crimp Terminal, 26-28 AWG, Bag
0501258100 MOLEX1-0501258100_17 Datasheet
31Kb / 1P
   1.25mm Pitch PicoBlade Crimp Terminal 50125, 26-28 AWG, Bag
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com