Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5354 Datasheet (PDF) - Fairchild Semiconductor

FAN5354 Datasheet PDF - Fairchild Semiconductor
Part # FAN5354
Download  FAN5354 Download

File Size   785.1 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3MHz, 3A Synchronous Buck Regulator

FAN5354 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN5354 Datasheet PDF - Fairchild Semiconductor

Part # FAN5354
Download  FAN5354 Click to download

File Size   785.1 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3MHz, 3A Synchronous Buck Regulator

FAN5354 Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN5354 Datasheet HTML 1Page - Fairchild Semiconductor FAN5354 Datasheet HTML 2Page - Fairchild Semiconductor FAN5354 Datasheet HTML 3Page - Fairchild Semiconductor FAN5354 Datasheet HTML 4Page - Fairchild Semiconductor FAN5354 Datasheet HTML 5Page - Fairchild Semiconductor FAN5354 Datasheet HTML 6Page - Fairchild Semiconductor FAN5354 Datasheet HTML 7Page - Fairchild Semiconductor FAN5354 Datasheet HTML 8Page - Fairchild Semiconductor FAN5354 Datasheet HTML 9Page - Fairchild Semiconductor FAN5354 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN5354 Product details

Description
The FAN5354 is a step-down switching voltage regulator that delivers an adjustable output from an input voltage supply of 2.7V to 5.5V. Using a proprietary architecture with synchronous rectification, the FAN5354 is capable of delivering 3A at over 85% efficiency, while maintaining a very high efficiency of over 80% at load currents as low as 2mA. The regulator operates at a nominal fixed frequency of 3MHz, which reduces the value of the external components to 470nH for the output inductor and 10µF for the output capacitor. Additional output capacitance can be added to improve regulation during load transients without affecting stability and inductance up to 1.2µH may be used with additional output capacitance.

Features
■ 3MHz Fixed-Frequency Operation
■ Best-in-Class Load Transient
■ 3A Output Current Capability
■ 2.7V to 5.5V Input Voltage Range
■ Adjustable Output Voltage: 0.8 to VIN•0.9
■ PFM Mode for High Efficiency in Light Load (Forced PWM Available on MODE Pin)
■ Minimum PFM Frequency Avoids Audible Noise
■ 270µA Typical Quiescent Current in PFM Mode
■ External Frequency Synchronization
■ Low Ripple Light-Load PFM Mode with Forced PWM Control
■ Power Good Output
■ Internal Soft-Start
■ Input Under-Voltage Lockout (UVLO)
■ Thermal Shutdown and Overload Protection
■ 12-Lead 3x3.5mm MLP

Applications
■ Set-Top Box
■ Hard Disk Drive
■ Communications Cards
■ DSP Power




Similar Part No. - FAN5354

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5354 FAIRCHILD-FAN5354 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
ON Semiconductor
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541UCX FAIRCHILD-FAN53541UCX Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results


Similar Description - FAN5354

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com