Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA5260M Datasheet (PDF) - Intersil Corporation

CA5260M Datasheet PDF - Intersil Corporation
Part # CA5260M
Download  CA5260M Download

File Size   471.92 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output

CA5260M Datasheet (PDF)

Go To PDF Page Download Datasheet
CA5260M Datasheet PDF - Intersil Corporation

Part # CA5260M
Download  CA5260M Click to download

File Size   471.92 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output

CA5260M Datasheet (HTML) - Intersil Corporation

CA5260M Datasheet HTML 1Page - Intersil Corporation CA5260M Datasheet HTML 2Page - Intersil Corporation CA5260M Datasheet HTML 3Page - Intersil Corporation CA5260M Datasheet HTML 4Page - Intersil Corporation CA5260M Datasheet HTML 5Page - Intersil Corporation CA5260M Datasheet HTML 6Page - Intersil Corporation CA5260M Datasheet HTML 7Page - Intersil Corporation

CA5260M Product details

Description
The CA5260A and CA5260 are integrated-circuit operational amplifiers that combine the advantage of both CMOS and bipolar transistors on a monolithic chip. The CA5260 series circuits are dual versions of the popular CA5160 series. They are designed and guaranteed to operate in microprocessor or logic systems that use +5V supplies.

Features
• MOSFET Input Stage provides
    - Very High ZI = 1.5TΩ (1.5 x 1012Ω) (Typ)
    - Very Low II = 5pA (Typ) at 15V Operation
                         = 2pA (Typ) at 5V Operation
• Ideal for Single Supply Applications
• Common Mode Input Voltage Range Includes Negative Supply Rail; Input Terminals Can be Swung 0.5V Below Negative Supply Rail
• CMOS Output Stage Permits Signal Swing to Either (or Both) Supply Rails
• CA5260A, CA5260 Have Full Military Temperature Range Guaranteed Specifications for V+ = 5V
• CA5260A, CA5260 are Guaranteed to Operate Down to 4.5V for AOL
• Fully Guaranteed to Operate from -55oC to 125oC at V+ = 5V, V- = GND

Applications
• Ground Referenced Single Supply Amplifiers
• Fast Sample-Hold Amplifiers
• Long Duration Timers/Monostables
• Ideal Interface with Digital CMOS
• High Input Impedance Wideband Amplifiers
• Voltage Followers (e.g., Follower for Single Supply D/A Converter)
• Voltage Regulators (Permits Control of Output Voltage Down to 0V)
• Wien Bridge Oscillators
• Voltage Controlled Oscillators
• Photo Diode Sensor Amplifiers
• 5V Logic Systems
• Microprocessor Interface




Similar Part No. - CA5260M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5260M INTERSIL-CA5260M Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260M RENESAS-CA5260M Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5260MZ INTERSIL-CA5260MZ Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260MZ RENESAS-CA5260MZ Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5260MZ96 INTERSIL-CA5260MZ96 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results


Similar Description - CA5260M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com