Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12024 Datasheet (PDF) - Intersil Corporation

ISL12024 Datasheet PDF - Intersil Corporation
Part # ISL12024
Download  ISL12024 Download

File Size   395.1 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real-Time Clock/Calendar with Embedded Unique ID

ISL12024 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL12024 Datasheet PDF - Intersil Corporation

Part # ISL12024
Download  ISL12024 Click to download

File Size   395.1 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real-Time Clock/Calendar with Embedded Unique ID

ISL12024 Datasheet (HTML) - Intersil Corporation

Back Button ISL12024 Datasheet HTML 1Page - Intersil Corporation ISL12024 Datasheet HTML 2Page - Intersil Corporation ISL12024 Datasheet HTML 3Page - Intersil Corporation ISL12024 Datasheet HTML 4Page - Intersil Corporation ISL12024 Datasheet HTML 5Page - Intersil Corporation ISL12024 Datasheet HTML 6Page - Intersil Corporation ISL12024 Datasheet HTML 7Page - Intersil Corporation ISL12024 Datasheet HTML 8Page - Intersil Corporation ISL12024 Datasheet HTML 9Page - Intersil Corporation ISL12024 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL12024 Product details

The ISL12024 device is a micro-power real-time clock with embedded 64-bit unique ID, timing and crystal compensation, clock/calender, power-fail indicator, two periodic or polled alarms, intelligent battery backup switching, and integrated 512x8-bit EEPROM configured in 16 Bytes per page.



Features

• Real-Time Clock/Calendar

- Tracks Time in Hours, Minutes, and Seconds

- Day of the Week, Day, Month and Year

- 3 Selectable Frequency Outputs

• 64-bit Unique ID

• Two Non-Volatile Alarms

- Settable on the Second, Minute, Hour, Day of the Week,Day or Month

- Repeat Mode (Periodic Interrupts)

• Automatic Backup to Battery or Super Cap

• On-Chip Oscillator Compensation

- Internal Feedback Resistor and Compensation Capacitors

- 64 Position Digitally Controlled Trim Capacitor

- 6 Digital Frequency Adjustment Settings to ±30ppm

• 512x8-Bits of EEPROM

- 16-Bytes Page Write Mode (32 total pages)

- 8 Modes of BlockLock™ Protection

- Single Byte Write Capability

• High Reliability

- Data Retention: 50 years

- Endurance: 2,000,000 Cycles Per Byte

•I2C Bus™

- 400kHz Data Transfer Rate

• 800nA Battery Supply Current

• Package Options

- 8 Ld SOIC and 8 Ld TSSOP Packages

- Pin-Compatible with the ISL12026

• Pb-Free (RoHS Compliant)




Similar Part No. - ISL12024

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12024 INTERSIL-ISL12024 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12024 INTERSIL-ISL12024 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12024 RENESAS-ISL12024 Datasheet
1,018Kb / 25P
   Real-Time Clock/Calendar with Embedded Unique ID
ISL12024IBZ RENESAS-ISL12024IBZ Datasheet
1,018Kb / 25P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Intersil Corporation
ISL12024IRTC INTERSIL-ISL12024IRTC Datasheet
426Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
December 15, 2011
More results


Similar Description - ISL12024

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12024IRTC INTERSIL-ISL12024IRTC Datasheet
426Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
December 15, 2011
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
359Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Renesas Technology Corp
ISL12024 RENESAS-ISL12024 Datasheet
1,018Kb / 25P
   Real-Time Clock/Calendar with Embedded Unique ID
ISL12024IRTC RENESAS-ISL12024IRTC Datasheet
974Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
   I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
MCP79400T-I MICROCHIP-MCP79400T-I Datasheet
1Mb / 42P
   I2C Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
11/29/11
MCP79410 MICROCHIP-MCP79410 Datasheet
580Kb / 38P
   I2C??Real-Time Clock/Calendar with EEPROM, SRAM, Unique ID and Battery Switchover
2011
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com