Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS305NX Datasheet (PDF) - NXP Semiconductors

PBSS305NX Datasheet PDF - NXP Semiconductors
Part # PBSS305NX
Download  PBSS305NX Download

File Size   219.2 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 80 V, 4.6 A NPN low VCEsat (BISS) transistor

PBSS305NX Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS305NX Datasheet PDF - NXP Semiconductors

Part # PBSS305NX
Download  PBSS305NX Click to download

File Size   219.2 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 80 V, 4.6 A NPN low VCEsat (BISS) transistor

PBSS305NX Datasheet (HTML) - NXP Semiconductors

Back Button PBSS305NX Datasheet HTML 1Page - NXP Semiconductors PBSS305NX Datasheet HTML 2Page - NXP Semiconductors PBSS305NX Datasheet HTML 3Page - NXP Semiconductors PBSS305NX Datasheet HTML 4Page - NXP Semiconductors PBSS305NX Datasheet HTML 5Page - NXP Semiconductors PBSS305NX Datasheet HTML 6Page - NXP Semiconductors PBSS305NX Datasheet HTML 7Page - NXP Semiconductors PBSS305NX Datasheet HTML 8Page - NXP Semiconductors PBSS305NX Datasheet HTML 9Page - NXP Semiconductors PBSS305NX Datasheet HTML 10Page - NXP Semiconductors Next Button 



Similar Part No. - PBSS305NX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS305NX NEXPERIA-PBSS305NX Datasheet
332Kb / 16P
   80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
More results


Similar Description - PBSS305NX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS305NX NEXPERIA-PBSS305NX Datasheet
332Kb / 16P
   80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS4580PA NEXPERIA-PBSS4580PA Datasheet
290Kb / 16P
   80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01 - 15 April 2010
PBSS304ND NEXPERIA-PBSS304ND Datasheet
280Kb / 17P
   80 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 December 2007
logo
NXP Semiconductors
PBSS4480X PHILIPS-PBSS4480X_15 Datasheet
207Kb / 13P
   NPN low VCEsat (BISS) transistor 80 V, 4 A
2004 Oct 25
PBSS4580PA PHILIPS-PBSS4580PA Datasheet
177Kb / 15P
   80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01-15 April 2010
PBSS305NZ NXP-PBSS305NZ Datasheet
194Kb / 14P
   80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009
logo
Nexperia B.V. All right...
PBSS4480X NEXPERIA-PBSS4480X Datasheet
449Kb / 14P
   80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
logo
NXP Semiconductors
PBSS4480X PHILIPS-PBSS4480X Datasheet
115Kb / 13P
   80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
logo
Nexperia B.V. All right...
PBSS305NZ NEXPERIA-PBSS305NZ Datasheet
308Kb / 15P
   80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS4580PA PHILIPS-PBSS4580PA_15 Datasheet
177Kb / 15P
   80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01-15 April 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com