Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9732DK-11 Datasheet (PDF) - Hamamatsu Corporation

C9732DK-11 Datasheet PDF - Hamamatsu Corporation
Part # C9732DK-11
Download  C9732DK-11 Download

File Size   951.04 Kbytes
Page   6 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120120 mm

C9732DK-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
C9732DK-11 Datasheet PDF - Hamamatsu Corporation

Part # C9732DK-11
Download  C9732DK-11 Click to download

File Size   951.04 Kbytes
Page   6 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120120 mm

C9732DK-11 Datasheet (HTML) - Hamamatsu Corporation

C9732DK-11 Datasheet HTML 1Page - Hamamatsu Corporation C9732DK-11 Datasheet HTML 2Page - Hamamatsu Corporation C9732DK-11 Datasheet HTML 3Page - Hamamatsu Corporation C9732DK-11 Datasheet HTML 4Page - Hamamatsu Corporation C9732DK-11 Datasheet HTML 5Page - Hamamatsu Corporation C9732DK-11 Datasheet HTML 6Page - Hamamatsu Corporation

C9732DK-11 Product details

Flat panel sensor

For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 × 120 mm

The C9732DK-11 is two-dimensional CMOS image sensor module designed for X-ray imaging which requires high resolution, large area and wide dynamic range. A target material of X-ray source and X-ray energy adequate for the sensor is Mo and 17 keV. The device shape is thin cassette which incorporate on-chip high-resolution scintillator and a control board. An on-board USB 2.0 interface can realize fast data transfer with the C9732DK-11.

Features
➤ 2400 × 2400 pixels (50 μm pitch)
➤ High resolution
➤ 14-bit digital output (USB 2.0 interface)
➤ High-speed imaging: 1 frame/s
➤ No dead area (insensitive area) due to seamless structure
➤ Compatible with Hamamatsu API (DCAM-API)

Applications
➤ X-ray imaging (optimized to 17 keV)




Similar Part No. - C9732DK-11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9732DK-11 HAMAMATSU-C9732DK-11 Datasheet
492Kb / 8P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11_11 Datasheet
492Kb / 8P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11_15 Datasheet
289Kb / 9P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
More results


Similar Description - C9732DK-11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9732DK-11 HAMAMATSU-C9732DK-11_11 Datasheet
492Kb / 8P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11_15 Datasheet
289Kb / 9P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
C9730DK-10 HAMAMATSU-C9730DK-10_11 Datasheet
490Kb / 8P
   For soft X-ray imaging, cassette type with USB 2.0 interface Photodiode area: 52.8 횞 52.8 mm
C9728DK-10 HAMAMATSU-C9728DK-10_11 Datasheet
440Kb / 8P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 횞 52.8 mm
C9728DK-10 HAMAMATSU-C9728DK-10_15 Datasheet
217Kb / 9P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 x 52.8 mm
C9730DK-10 HAMAMATSU-C9730DK-10 Datasheet
92Kb / 4P
   Large area soft X-ray imaging, high resolution
C9728DK-10 HAMAMATSU-C9728DK-10 Datasheet
89Kb / 4P
   Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
C9732DK HAMAMATSU-C9732DK Datasheet
96Kb / 4P
   Flat panel sensor Large area/soft X-ray imaging, high resolution
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
S10830 HAMAMATSU-S10830_15 Datasheet
653Kb / 9P
   CMOS area image sensors for X-ray imaging
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com