Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78MR06 Datasheet (PDF) - Sanyo Semicon Device

L78MR06 Datasheet PDF - Sanyo Semicon Device
Part # L78MR06
Download  L78MR06 Download

File Size   295.8 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?

L78MR06 Datasheet (PDF)

Go To PDF Page Download Datasheet
L78MR06 Datasheet PDF - Sanyo Semicon Device

Part # L78MR06
Download  L78MR06 Click to download

File Size   295.8 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?

L78MR06 Datasheet (HTML) - Sanyo Semicon Device

L78MR06 Datasheet HTML 1Page - Sanyo Semicon Device L78MR06 Datasheet HTML 2Page - Sanyo Semicon Device L78MR06 Datasheet HTML 3Page - Sanyo Semicon Device L78MR06 Datasheet HTML 4Page - Sanyo Semicon Device L78MR06 Datasheet HTML 5Page - Sanyo Semicon Device L78MR06 Datasheet HTML 6Page - Sanyo Semicon Device L78MR06 Datasheet HTML 7Page - Sanyo Semicon Device L78MR06 Datasheet HTML 8Page - Sanyo Semicon Device L78MR06 Datasheet HTML 9Page - Sanyo Semicon Device L78MR06 Datasheet HTML 10Page - Sanyo Semicon Device

L78MR06 Product details

Overview
The L78MR00 series, 500mA general-purpose voltage regulator ICs provide reset output signal for microcomputers.

Features
• Reset function (power supply voltage monitor : Generates a reset signal at a power-on and temporal power down).
• Output voltage
   L78MR05 : 5V (Reset output ....... On-chip pull-up resistor)
   L78MR06 : 6V (Reset output ....... Open collector)
   L78MR08 : 8V (Reset output ....... Open collector)
   L78MR09 : 9V (Reset output ....... Open collector)
   L78MR12 : 12V (Reset output ....... Open collector)
• Output current ..........500mA
• On-chip ASO protector.
• On-chip thermal protector.
• On-chip overcurrent limiter.
• The use of package TO220-5H facilitates easy mounting and thermal design.
• Delay time (td) may be set by an external capacitor.




Similar Part No. - L78MR06

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L78MR00 SANYO-L78MR00 Datasheet
304Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
logo
List of Unclassifed Man...
L78MR05 ETC2-L78MR05 Datasheet
56Kb / 3P
   VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
More results


Similar Description - L78MR06

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
L79M00T SANYO-L79M00T Datasheet
140Kb / 5P
   -5 to -12V 0.5A 3-Pin Voltage Regulators
L78M00T SANYO-L78M00T_10 Datasheet
58Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L780S00 SANYO-L780S00 Datasheet
261Kb / 9P
   5 to 24V 1A 5-Pin Voltage Regulators with Strobe Pin
L79M00T SANYO-L79M00T_09 Datasheet
105Kb / 5P
   ?? to ??2V 0.5A 3-Pin Voltage Regulators
L88R05 SANYO-L88R05_10 Datasheet
323Kb / 6P
   5 V, 1 A Voltage-regulator ICs with Reset Function
logo
PulseCore Semiconductor
PCS811 PULSECORE-PCS811 Datasheet
456Kb / 8P
   5-Pin 關P Voltage Supervisor with Manual Reset
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com