Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6525M Datasheet (PDF) - Sanyo Semicon Device

LA6525M Datasheet PDF - Sanyo Semicon Device
Part # LA6525M
Download  LA6525M Download

File Size   113.86 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-channel Bridge Driver for Compact Dise Players

LA6525M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6525M Datasheet PDF - Sanyo Semicon Device

Part # LA6525M
Download  LA6525M Click to download

File Size   113.86 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-channel Bridge Driver for Compact Dise Players

LA6525M Datasheet (HTML) - Sanyo Semicon Device

LA6525M Datasheet HTML 1Page - Sanyo Semicon Device LA6525M Datasheet HTML 2Page - Sanyo Semicon Device LA6525M Datasheet HTML 3Page - Sanyo Semicon Device LA6525M Datasheet HTML 4Page - Sanyo Semicon Device LA6525M Datasheet HTML 5Page - Sanyo Semicon Device

LA6525M Product details

Overview
The LA6525M is a four-channel, high-current bridge driver IC with output muting. It features two dual-output 400mA (max) and two dual-output 700mA (max) channels, making it ideal for use in compact disc players.
The LA6525M incorporates a reference voltage switch, a thermal protection circuit and two input buffer amplifiers in addition to the output driver amplifiers.
The LA6525M operates from a 5V supply and is available in 30-pin MFPs.

Features
• Four-channal bridge connection (BTL) power amplifier.
• Output muting.
• Two dual-output 400mA (max) and two dual-output 700mA (max) channels.
• Reference voltage switch.
• Thermal protection circuit.
• Two input buffer amplifiers.
• 5V supply.
• 30-pin MFP.




Similar Part No. - LA6525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
   3-Output Power Operational Amplifier
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
   3-Output Power Operational Amplifier
LA6524 SANYO-LA6524 Datasheet
74Kb / 4P
   4-output Power Driver
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
   CD-ROM Drive Three-Channel Bridge BTL Driver
More results


Similar Description - LA6525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6536M SANYO-LA6536M Datasheet
90Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players?
LA6535M SANYO-LA6535M Datasheet
89Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players?
logo
Hitachi Semiconductor
HA13143 HITACHI-HA13143 Datasheet
42Kb / 7P
   Four-Channel BTL Driver for CD Players
logo
Sanyo Semicon Device
LA6548NH SANYO-LA6548NH Datasheet
90Kb / 7P
   For CD Players and Recorders Four-Channel Driver IC
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
logo
Rohm
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com