Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV0108E Datasheet (PDF) - Renesas Technology Corp

R1LV0108E Datasheet PDF - Renesas Technology Corp
Part # R1LV0108E
Download  R1LV0108E Download

File Size   126.98 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1Mb Advanced LPSRAM (128k word x 8bit)

R1LV0108E Datasheet (PDF)

Go To PDF Page Download Datasheet
R1LV0108E Datasheet PDF - Renesas Technology Corp

Part # R1LV0108E
Download  R1LV0108E Click to download

File Size   126.98 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1Mb Advanced LPSRAM (128k word x 8bit)

R1LV0108E Datasheet (HTML) - Renesas Technology Corp


R1LV0108E Product details

Description

The R1LV0108E Series is a family of low voltage 1-Mbit static RAMs organized as 131,072-word by 8-bit, fabricated by Renesas’s high-performance 0.15um CMOS and TFT technologies. The R1LV0108E Series has realized higher density, higher performance and low power consumption. The R1LV0108E Series is suitable for memory applications where a simple interfacing, battery operating and battery backup are the important design objectives. It has been packaged in 32-pin SOP,32-pin TSOP and 32-pin sTSOP.



Features

• Single 2.7~3.6V power supply

• Small stand-by current: 1µA (3.0V, typical)

• No clocks, No refresh

• All inputs and outputs are TTL compatible.

• Easy memory expansion by CS1# and CS2

• Common Data I/O

• Three-state outputs: OR-tie Capability

• OE# prevents data contention on the I/O bus



 




Similar Part No. - R1LV0108E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0108ESA-5SI#B* RENESAS-R1LV0108ESA-5SI#B* Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108ESA-5SI#B1 RENESAS-R1LV0108ESA-5SI#B1 Datasheet
359Kb / 13P
   1Mb Advanced LPSRAM
R1LV0108ESA-5SI#S* RENESAS-R1LV0108ESA-5SI#S* Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108ESA-5SI#S1 RENESAS-R1LV0108ESA-5SI#S1 Datasheet
359Kb / 13P
   1Mb Advanced LPSRAM
R1LV0108ESA-5SR#B* RENESAS-R1LV0108ESA-5SR#B* Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
More results


Similar Description - R1LV0108E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0108E RENESAS-R1LP0108E Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_13 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_15 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E_15 Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
   8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com