Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE8805 Datasheet (PDF) - Semtech Corporation

XE8805 Datasheet PDF - Semtech Corporation
Part # XE8805
Download  XE8805 Download
File Size   1830.77 Kbytes
Page   156 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Data Acquisition MCU

XE8805 Datasheet (PDF)

Go To PDF Page Download Datasheet
XE8805 Datasheet PDF - Semtech Corporation

Part # XE8805
Download  XE8805 Click to download

File Size   1830.77 Kbytes
Page   156 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Data Acquisition MCU

XE8805 Datasheet (HTML) - Semtech Corporation


XE8805 Product details

General Description

The XE8805A is a data acquisition ultra low power low-voltage system on a chip (SoC) with a high efficiency microcontroller unit embedded (MCU), allowing for 1 MIPS at 300uA and 2.4 V, and multiplying in one clock cycle.

The XE8805A includes a high resolution acquisition path with the 16+10 bits ZoomingADC and two buffered DACs.

The XE8805A is available with on chip ROM (the SX8805) or Multiple-Time-Programmable (MTP) program memory.



Key product Features

• Low-power, high resolution ZoomingADC

   • 0.5 to 1000 gain with offset cancellation

   • up to 16 bits analog to digital converter

   • up to 13 inputs multiplexer

• Low-voltage low-power controller operation

   • 2 MIPS with 2.4 V to 5.5 V operation

   • 300 µA at 1 MIPS over voltage range

• 22 kByte (8 kInstruction) MTP

• 520 Byte RAM data memory

• RC and crystal oscillators

• 5 reset, 22 interrupt, 8 event sources

• 8 bit and 16 bit buffered DACs

• 100 years MTP Flash retention at 55°C



Applications

• Portable, battery operated instruments

• Current loop powered instruments

• Wheatstone bridge interfaces

• Pressure and chemical sensors

• HVAC control

• Metering

• Sports watches, wrist instruments



 




Similar Part No. - XE8805

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
Data Acquisition with ZoomingADC?
XE8801AMI027LF SEMTECH-XE8801AMI027LF Datasheet
1Mb / 135P
Data Acquisition with ZoomingADC?
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
Sensing Machine Data Acquisition MCU
XE8802MI000 SEMTECH-XE8802MI000 Datasheet
1Mb / 193P
Sensing Machine Data Acquisition MCU
XE8802MI035LF SEMTECH-XE8802MI035LF Datasheet
1Mb / 193P
Sensing Machine Data Acquisition MCU
More results


Similar Description - XE8805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
High-Precision Data Acquisition
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
Data Acquisition with ZoomingADC?
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
Sensing Machine Data Acquisition MCU
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
Telecommunication Data Acquisition Measurement Instrumentation
logo
Keysight Technologies
34901A KEYSIGHT-34901A Datasheet
4Mb / 28P
Data Acquisition/Switch Unit Family
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
logo
Pico Technology Ltd.
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
Multi-channel data acquisition
2013 - 2014
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com