Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS70BA Datasheet (PDF) - Vectron International, Inc

TFS70BA Datasheet PDF - Vectron International, Inc
Part # TFS70BA
Download  TFS70BA Download

File Size   228.69 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Filter specification

TFS70BA Datasheet (PDF)

Go To PDF Page Download Datasheet
TFS70BA Datasheet PDF - Vectron International, Inc

Part # TFS70BA
Download  TFS70BA Click to download

File Size   228.69 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Filter specification

TFS70BA Datasheet (HTML) - Vectron International, Inc

TFS70BA Datasheet HTML 1Page - Vectron International, Inc TFS70BA Datasheet HTML 2Page - Vectron International, Inc TFS70BA Datasheet HTML 3Page - Vectron International, Inc TFS70BA Datasheet HTML 4Page - Vectron International, Inc TFS70BA Datasheet HTML 5Page - Vectron International, Inc

TFS70BA Product details

Measurement condition

   Ambient temperature: 23 °C
   Input power level: 0 dBm
   Terminating impedance: *
                           Input: 2900 Ω || -3,8 pF
                           Output: 2900 Ω || -3,8 pF
                           External Coil: 820 nH




Similar Part No. - TFS70BA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
   Filter specification
TFS70BE VECTRON-TFS70BE Datasheet
86Kb / 5P
   Filter specification
TFS70BF VECTRON-TFS70BF Datasheet
152Kb / 5P
   Filter specification
TFS70BG VECTRON-TFS70BG Datasheet
136Kb / 5P
   Filter specification
TFS70BL VECTRON-TFS70BL Datasheet
139Kb / 5P
   Filter specification
More results


Similar Description - TFS70BA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com