Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB02-03Q Datasheet (PDF) - Sanyo Semicon Device

SB02-03Q Datasheet PDF - Sanyo Semicon Device
Part # SB02-03Q
Download  SB02-03Q Download

File Size   55.86 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 200mA Rectifier

SB02-03Q Datasheet (PDF)

Go To PDF Page Download Datasheet
SB02-03Q Datasheet PDF - Sanyo Semicon Device

Part # SB02-03Q
Download  SB02-03Q Click to download

File Size   55.86 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 200mA Rectifier

SB02-03Q Datasheet (HTML) - Sanyo Semicon Device

SB02-03Q Datasheet HTML 1Page - Sanyo Semicon Device SB02-03Q Datasheet HTML 2Page - Sanyo Semicon Device

SB02-03Q Product details

30V, 200mA Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
• Ultrasmall-sized package permitting SB02-03Q applied sets to be compact and slim.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB02-03Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB02-03C SANYO-SB02-03C Datasheet
50Kb / 2P
   30V, 200mA Rectifier
SB02-03S SANYO-SB02-03S Datasheet
56Kb / 2P
   30V, 200mA Rectifier
More results


Similar Description - SB02-03Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB02-03S SANYO-SB02-03S Datasheet
56Kb / 2P
   30V, 200mA Rectifier
SB02W03S SANYO-SB02W03S Datasheet
56Kb / 2P
   30V, 200mA Rectifier
SB02W03C SANYO-SB02W03C Datasheet
60Kb / 2P
   30V, 200mA Rectifier
SB02-03C SANYO-SB02-03C Datasheet
50Kb / 2P
   30V, 200mA Rectifier
FC804 SANYO-FC804 Datasheet
47Kb / 2P
   30V, 200mA Rectifier
SS0203EJ SANYO-SS0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
   30V 200mA Schottky Diode
Rev 1.1 13/07/23
logo
Rohm
2SK2731T146 ROHM-2SK2731T146 Datasheet
128Kb / 5P
   Interface and switching (30V, 200mA)
2SK2731 ROHM-2SK2731 Datasheet
112Kb / 4P
   Interface and switching (30V, 200mA)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com