Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z00607 Datasheet (PDF) - JIEJIE MICROELECTRONICS CO.,Ltd

Z00607 Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd
Part # Z00607
Download  Z00607 Download

File Size   353.83 Kbytes
Page   4 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 0.8A TRIACs

Z00607 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z00607 Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd

Part # Z00607
Download  Z00607 Click to download

File Size   353.83 Kbytes
Page   4 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 0.8A TRIACs

Z00607 Datasheet (HTML) - JIEJIE MICROELECTRONICS CO.,Ltd

Z00607 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd Z00607 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd Z00607 Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd Z00607 Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd

Z00607 Product details

DESCRIPTION:
This device is suitable for low power AC switching application, phase control application such as fan speed and temperature modulation control, lighting control and static switching relay.




Similar Part No. - Z00607

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
Unisonic Technologies
Z00607 UTC-Z00607 Datasheet
108Kb / 3P
   0.8A TRIACS
logo
Kersemi Electronic Co.,...
Z00607DA KERSEMI-Z00607DA Datasheet
388Kb / 4P
   SENSITIVE GATE TRIACS
Z00607DA1BA2 KERSEMI-Z00607DA1BA2 Datasheet
388Kb / 4P
   SENSITIVE GATE TRIACS
logo
Unisonic Technologies
Z00607G-T92-B UTC-Z00607G-T92-B Datasheet
108Kb / 3P
   0.8A TRIACS
More results


Similar Description - Z00607

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST130 JIEJIE-JST130 Datasheet
349Kb / 5P
   0.8A TRIACs
logo
Unisonic Technologies
Z00607 UTC-Z00607 Datasheet
108Kb / 3P
   0.8A TRIACS
logo
Teccor Electronics
L4004L8 TECCOR-L4004L8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
GTM CORPORATION
GMAC97A6 GTM-GMAC97A6 Datasheet
283Kb / 4P
   SENSITIVE GATE TRIACS SILICON BIDIRECTIONAL THYRISTORS 0.8A ,400V
logo
STMicroelectronics
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
   0.8A SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
   0.8A SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
   0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
   0.8A SCRs
logo
Shindengen Electric Mfg...
D1FK70-5063 SHINDENGEN-D1FK70-5063 Datasheet
475Kb / 3P
   700V 0.8A
logo
STMicroelectronics
Z00607MA STMICROELECTRONICS-Z00607MA Datasheet
56Kb / 6P
   0.8A TRIAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com