Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLP-9130C-81 Datasheet (PDF) - Sanyo Semicon Device

SLP-9130C-81 Datasheet PDF - Sanyo Semicon Device
Part # SLP-9130C-81
Download  SLP-9130C-81 Download

File Size   23.72 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 첩5mm red contact type LED lamp

SLP-9130C-81 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLP-9130C-81 Datasheet PDF - Sanyo Semicon Device

Part # SLP-9130C-81
Download  SLP-9130C-81 Click to download

File Size   23.72 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 첩5mm red contact type LED lamp

SLP-9130C-81 Datasheet (HTML) - Sanyo Semicon Device

SLP-9130C-81 Datasheet HTML 1Page - Sanyo Semicon Device SLP-9130C-81 Datasheet HTML 2Page - Sanyo Semicon Device SLP-9130C-81 Datasheet HTML 3Page - Sanyo Semicon Device SLP-9130C-81 Datasheet HTML 4Page - Sanyo Semicon Device

SLP-9130C-81 Product details

Features
• GaAsP red LED
• 5.0mmø, round top type lamp
• Clear red resin package type
• The insertion which made it stick to PCB is possible
• High luminous intensity, high reliability and long life
• Application : for the general public welfare




Similar Part No. - SLP-9130C-81

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SLP-9131C-81 SANYO-SLP-9131C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
SLP-9132C-81 SANYO-SLP-9132C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
More results


Similar Description - SLP-9130C-81

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SLP-9131C-81 SANYO-SLP-9131C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
SLP-9132C-81 SANYO-SLP-9132C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
SLP-4130C-81 SANYO-SLP-4130C-81 Datasheet
23Kb / 4P
   첩5mm yellow contact type LED lamp
SLP-4131C-81 SANYO-SLP-4131C-81 Datasheet
23Kb / 4P
   첩5mm yellow contact type LED lamp
SLP-3131C-81 SANYO-SLP-3131C-81 Datasheet
23Kb / 4P
   첩5mm yellow-green contact type LED lamp
SLP-3132C-81 SANYO-SLP-3132C-81 Datasheet
23Kb / 4P
   첩5mm yellow-green contact type LED lamp
SLP-3130C-81 SANYO-SLP-3130C-81 Datasheet
23Kb / 4P
   첩5mm yelloe-green contact type LED lamp
SLP-9118B-51 SANYO-SLP-9118B-51 Datasheet
24Kb / 4P
   첩3.1mm red contact type LED lamp
SLP-9117E-51 SANYO-SLP-9117E-51 Datasheet
25Kb / 4P
   첩3.1mm red contact type LED lamp (U-cut version)
SLP-4118B-51 SANYO-SLP-4118B-51 Datasheet
24Kb / 4P
   첩3.1mm yellow contact type LED lamp
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com