Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDK5111F Datasheet (PDF) - Infineon Technologies AG

TDK5111F Datasheet PDF - Infineon Technologies AG
Part # TDK5111F
Download  TDK5111F Download

File Size   893.76 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 315 MHz ASK/FSK Transmitter in 10-pin Package

TDK5111F Datasheet (PDF)

Go To PDF Page Download Datasheet
TDK5111F Datasheet PDF - Infineon Technologies AG

Part # TDK5111F
Download  TDK5111F Click to download

File Size   893.76 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 315 MHz ASK/FSK Transmitter in 10-pin Package

TDK5111F Datasheet (HTML) - Infineon Technologies AG

Back Button TDK5111F Datasheet HTML 1Page - Infineon Technologies AG TDK5111F Datasheet HTML 2Page - Infineon Technologies AG TDK5111F Datasheet HTML 3Page - Infineon Technologies AG TDK5111F Datasheet HTML 4Page - Infineon Technologies AG TDK5111F Datasheet HTML 5Page - Infineon Technologies AG TDK5111F Datasheet HTML 6Page - Infineon Technologies AG TDK5111F Datasheet HTML 7Page - Infineon Technologies AG TDK5111F Datasheet HTML 8Page - Infineon Technologies AG TDK5111F Datasheet HTML 9Page - Infineon Technologies AG TDK5111F Datasheet HTML 10Page - Infineon Technologies AG Next Button 

TDK5111F Product details

Overview
The TDK 5111 F is a single chip ASK/FSK transmitter for operation in the frequency band 311 ... 317 MHz. The IC offers a high level of integration and needs only a few external components. The device contains a fully integrated PLL synthesizer and a high efficiency power amplifier to drive a loop antenna. A special circuit design and an unique power amplifier design are used to save current consumption and therefore to save battery life. Additional features are a power down mode and a divided clock output.

Features
• fully integrated frequency synthesizer
• VCO without external components
• ASK and FSK modulation
• frequency range 311 ... 317 MHz
• high efficiency power amplifier (typically 10 dBm)
• low supply current
• voltage supply range 2.1 ... 4 V
• temperature range −40 ... +125°C
• power down mode
• crystal oscillator 9.84 MHz
• FSK-switch
• divided clock output for µC
• low external component count

Application
• Tire pressure monitoring systems
• Keyless entry systems
• Remote control systems
• Alarm systems
• Communication systems




Similar Part No. - TDK5111F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
   ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
More results


Similar Description - TDK5111F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5101F INFINEON-TDK5101F Datasheet
498Kb / 34P
   315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5116F INFINEON-TDK5116F Datasheet
752Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2006
TDA7100 INFINEON-TDA7100 Datasheet
1Mb / 41P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
TDK5110F INFINEON-TDK5110F Datasheet
756Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
TDA7116F INFINEON-TDA7116F Datasheet
731Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, March 2009
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
   434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5100F INFINEON-TDK5100F_08 Datasheet
1Mb / 39P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
   ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com