Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q1138194A Datasheet (PDF) - Epson ToYoCom

Q1138194A Datasheet PDF - Epson ToYoCom
Part # Q1138194A
Download  Q1138194A Download

File Size   258.12 Kbytes
Page   1 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description CYLINDER

Q1138194A Datasheet (PDF)

Go To PDF Page Download Datasheet
Q1138194A Datasheet PDF - Epson ToYoCom

Part # Q1138194A
Download  Q1138194A Click to download

File Size   258.12 Kbytes
Page   1 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description CYLINDER

Q1138194A Datasheet (HTML) - Epson ToYoCom

Q1138194A Datasheet HTML 1Page - Epson ToYoCom

Q1138194A Product details

kHz RANGE CRYSTAL UNIT CYLINDER

C - TYPE
C - 2 - TYPE / C - 4 - TYPE

• Frequency range : 32.768 kHz (20 kHz to 307.2 kHz)
• Thickness : φ1.2 mm to φ3.1 mm
• Overtone order : Fundamental / Overtone(192 kHz,307.2 kHz)
• Applications : Clock and Microcomputer




Similar Part No. - Q1138194A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Q1139570 OMRON-Q1139570 Datasheet
5Mb / 18P
   General-purpose Basic Switch
More results


Similar Description - Q1138194A

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301_10 Datasheet
202Kb / 1P
   CYLINDER
CA-301 EPSONTOYOCOM-CA-301 Datasheet
288Kb / 2P
   CYLINDER
logo
Festo Corporation.
DSNU-10-60-P-A FESTO-DSNU-10-60-P-A Datasheet
40Kb / 2P
   ISO cylinder
DSNU-12-60-P-A FESTO-DSNU-12-60-P-A Datasheet
41Kb / 2P
   ISO cylinder
DSNU-12-200-P-A FESTO-DSNU-12-200-P-A Datasheet
35Kb / 2P
   ISO cylinder
DSNU-16-15-P-A FESTO-DSNU-16-15-P-A Datasheet
45Kb / 2P
   ISO cylinder
DSNU-16-100-PPV-A FESTO-DSNU-16-100-PPV-A Datasheet
41Kb / 2P
   ISO cylinder
DSNU-16-160-PPV-A FESTO-DSNU-16-160-PPV-A Datasheet
39Kb / 2P
   ISO cylinder
DSNU-16-200-PPS-A FESTO-DSNU-16-200-PPS-A Datasheet
37Kb / 2P
   ISO cylinder
DSNU-25-50-PPS-A FESTO-DSNU-25-50-PPS-A Datasheet
87Kb / 2P
   ISO cylinder
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com