Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMK0460F Datasheet (PDF) - KODENSHI_AUK CORP.

SMK0460F Datasheet PDF - KODENSHI_AUK CORP.
Part # SMK0460F
Download  SMK0460F Download

File Size   552.27 Kbytes
Page   8 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description SWITCHING REGULATOR APPLICATIONS

SMK0460F Datasheet (PDF)

Go To PDF Page Download Datasheet
SMK0460F Datasheet PDF - KODENSHI_AUK CORP.

Part # SMK0460F
Download  SMK0460F Click to download

File Size   552.27 Kbytes
Page   8 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description SWITCHING REGULATOR APPLICATIONS

SMK0460F Datasheet (HTML) - KODENSHI_AUK CORP.

SMK0460F Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK0460F Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK0460F Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK0460F Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK0460F Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK0460F Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK0460F Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK0460F Datasheet HTML 8Page - KODENSHI_AUK CORP.

SMK0460F Product details

SWITCHING REGULATOR APPLICATIONS



Features

•High  Voltage :  BVDSS=600V(Min.)

•Low Crss:  Crss=9.8pF(Typ.)

•Low gate charge : Qg=12nC(Typ.)

•Low RDS(on) : RDS(on)=2.5Ω(Max.)




Similar Part No. - SMK0460F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK0460F KODENSHI-SMK0460F Datasheet
552Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
logo
VBsemi Electronics Co.,...
SMK0460F VBSEMI-SMK0460F Datasheet
1Mb / 9P
   Power MOSFET
logo
KODENSHI_AUK CORP.
SMK0460F-1 KODENSHI-SMK0460F-1 Datasheet
552Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
SMK0460FG KODENSHI-SMK0460FG Datasheet
365Kb / 8P
   Advanced N-Ch Power MOSFET
More results


Similar Description - SMK0460F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com