Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2802GU Datasheet (PDF) - Rohm

BD2802GU Datasheet PDF - Rohm
Part # BD2802GU
Download  BD2802GU Download

File Size   553.15 Kbytes
Page   28 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 6LEDs Illumination

BD2802GU Datasheet (PDF)

Go To PDF Page Download Datasheet
BD2802GU Datasheet PDF - Rohm

Part # BD2802GU
Download  BD2802GU Click to download

File Size   553.15 Kbytes
Page   28 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 6LEDs Illumination

BD2802GU Datasheet (HTML) - Rohm

Back Button BD2802GU Datasheet HTML 1Page - Rohm BD2802GU Datasheet HTML 2Page - Rohm BD2802GU Datasheet HTML 3Page - Rohm BD2802GU Datasheet HTML 4Page - Rohm BD2802GU Datasheet HTML 5Page - Rohm BD2802GU Datasheet HTML 6Page - Rohm BD2802GU Datasheet HTML 7Page - Rohm BD2802GU Datasheet HTML 8Page - Rohm BD2802GU Datasheet HTML 9Page - Rohm BD2802GU Datasheet HTML 10Page - Rohm Next Button 

BD2802GU Product details

The BD2802GU is a RGB LED driver specifically engineered for decoration purposes.This RGB driver incorporates lighting patterns and illuminates without imposing any load on CPU.ThisRGB driver is best-suited for illumination using RGB LEDs and decoration using monochrome LEDs.In addition, this RGB driver has been successfully miniaturized through the use of a VCSP85H2 (2.8 mm 0.5 mm pitch) chip size package.






Similar Part No. - BD2802GU

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results


Similar Description - BD2802GU

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
logo
Schurter Inc.
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
E-SWITCH
52-PV8F2T1SS335 E-SWITCH-52-PV8F2T1SS335 Datasheet
136Kb / 1P
   ILLUMINATION COLOR: GREEN
52-PV6F240SSG241 E-SWITCH-52-PV6F240SSG241 Datasheet
202Kb / 1P
   ILLUMINATION COLOR: BLUE
logo
OSRAM GmbH
SFH4645EN OSRAM-SFH4645EN Datasheet
496Kb / 13P
   Infrared Illumination for cameras
logo
PARA LIGHT ELECTRONICS ...
6000K_CR07C-P1C54-EC000 PARALIGHT-6000K_CR07C-P1C54-EC000 Datasheet
869Kb / 12P
   Uniform high quality illumination
CS20C-P1C28-DB000 PARALIGHT-CS20C-P1C28-DB000 Datasheet
556Kb / 12P
   Uniform high quality illumination
3000K_CR07W-P1C54-CC000 PARALIGHT-3000K_CR07W-P1C54-CC000 Datasheet
944Kb / 12P
   Uniform high quality illumination
CR07W-P1C54-CD000 PARALIGHT-CR07W-P1C54-CD000 Datasheet
536Kb / 12P
   Uniform high quality illumination
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com