Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX70H Datasheet (PDF) - Micro Commercial Components

BCX70H Datasheet PDF - Micro Commercial Components
Part # BCX70H
Download  BCX70H Download

File Size   211.03 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Small Signal Transistor 250mW

BCX70H Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX70H Datasheet PDF - Micro Commercial Components

Part # BCX70H
Download  BCX70H Click to download

File Size   211.03 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Small Signal Transistor 250mW

BCX70H Datasheet (HTML) - Micro Commercial Components

BCX70H Datasheet HTML 1Page - Micro Commercial Components BCX70H Datasheet HTML 2Page - Micro Commercial Components BCX70H Datasheet HTML 3Page - Micro Commercial Components

BCX70H Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Ideally Suited for Automatic Insertion
• 150°C Junction Temperature
• Low Current, Low Voltage
• For Switching and AF Amplifier applications.
• Suited for low level, low noise, low frequency
   Applications in hybrid circuits
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BCX70H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70H PHILIPS-BCX70H Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Central Semiconductor C...
BCX70H CENTRAL-BCX70H Datasheet
329Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
logo
Samsung semiconductor
BCX70H SAMSUNG-BCX70H Datasheet
33Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Continental Device Indi...
BCX70H CDIL-BCX70H Datasheet
87Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Siemens Semiconductor G...
BCX70H SIEMENS-BCX70H Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Similar Description - BCX70H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G_13 Datasheet
246Kb / 3P
   NPN Small Signal Transistor 250mW
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A_10 Datasheet
218Kb / 3P
   250mW, NPN Small Signal Transistor
BC856A TSC-BC856A_10 Datasheet
265Kb / 4P
   250mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
   Small Signal Diodes 250mW
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
   Small Signal Diodes 250mW
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
   Small Signal Diodes 250mW
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
   Small Signal Diodes 250mW
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com