Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGW40N60H3 Datasheet (PDF) - Infineon Technologies AG

IGW40N60H3 Datasheet PDF - Infineon Technologies AG
Part # IGW40N60H3
Download  IGW40N60H3 Download

File Size   1701.21 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High speed IGBT in Trench and Fieldstop technology

IGW40N60H3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IGW40N60H3 Datasheet PDF - Infineon Technologies AG

Part # IGW40N60H3
Download  IGW40N60H3 Click to download

File Size   1701.21 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High speed IGBT in Trench and Fieldstop technology

IGW40N60H3 Datasheet (HTML) - Infineon Technologies AG

Back Button IGW40N60H3 Datasheet HTML 1Page - Infineon Technologies AG IGW40N60H3 Datasheet HTML 2Page - Infineon Technologies AG IGW40N60H3 Datasheet HTML 3Page - Infineon Technologies AG IGW40N60H3 Datasheet HTML 4Page - Infineon Technologies AG IGW40N60H3 Datasheet HTML 5Page - Infineon Technologies AG IGW40N60H3 Datasheet HTML 6Page - Infineon Technologies AG IGW40N60H3 Datasheet HTML 7Page - Infineon Technologies AG IGW40N60H3 Datasheet HTML 8Page - Infineon Technologies AG IGW40N60H3 Datasheet HTML 9Page - Infineon Technologies AG IGW40N60H3 Datasheet HTML 10Page - Infineon Technologies AG Next Button 

IGW40N60H3 Product details

Features:
TRENCHSTOP™ technology offering
• very low VCEsat
• low EMI
• maximum junction temperature 175°C
• qualified according to JEDEC for target applications
• Pb-free lead plating; RoHS compliant
• complete product spectrum and PSpice Models:
http://www.infineon.com/igbt/




Similar Part No. - IGW40N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW40N60DTP INFINEON-IGW40N60DTP Datasheet
1Mb / 14P
   600V DuoPack IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
IGW40N60TP INFINEON-IGW40N60TP Datasheet
1Mb / 14P
   TRENCHSTOPTM Performance technology
Rev.2.1,2016-02-05
IGW40N60TP INFINEON-IGW40N60TP Datasheet
1Mb / 14P
   600V DuoPack IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
More results


Similar Description - IGW40N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW30N60H3 INFINEON-IGW30N60H3 Datasheet
1Mb / 14P
   High speed IGBT IN Trench and Fieldstop technology
2010-07-26 revision:1.1
IGW20N60H3 INFINEON-IGW20N60H3 Datasheet
1Mb / 14P
   High speed IGBT in Trench and Fieldstop technology
Rev.2.2,2014-03-11
IGW25N120H3 INFINEON-IGW25N120H3 Datasheet
907Kb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev. 1.1, 2011-01-25
IKB20N60H3 INFINEON-IKB20N60H3 Datasheet
1Mb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev.2.3,2014-03-12
IKP20N60H3 INFINEON-IKP20N60H3 Datasheet
2Mb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev.2.2,2014-03-12
IGW15N120H3 INFINEON-IGW15N120H3 Datasheet
754Kb / 12P
   High speed IGBT in Trench and Fieldstop technology
2009-11-27 revision:1.1
IKW30N60H3 INFINEON-IKW30N60H3 Datasheet
1Mb / 16P
   High speed Duopack : IGBT in Trench and Fieldstop technology
2010-07-26 revision:1.2
IKW20N60H3 INFINEON-IKW20N60H3 Datasheet
1Mb / 16P
   High speed DuoPack : IGBT in Trench and Fieldstop technology
2010-07-26 revision:1.2
IGW60N60H3 INFINEON-IGW60N60H3 Datasheet
1Mb / 14P
   High speed IGBT in Trench ahnd Fieldstop technology
2012-04-23 revision:1.1
IGB15N60T INFINEON-IGB15N60T Datasheet
364Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com