Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5680P Datasheet (PDF) - Sanyo Semicon Device

LV5680P Datasheet PDF - Sanyo Semicon Device
Part # LV5680P
Download  LV5680P Download

File Size   236.25 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Car Audio Systems Multi-Power Supply System IC

LV5680P Datasheet (PDF)

Go To PDF Page Download Datasheet
LV5680P Datasheet PDF - Sanyo Semicon Device

Part # LV5680P
Download  LV5680P Click to download

File Size   236.25 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Car Audio Systems Multi-Power Supply System IC

LV5680P Datasheet (HTML) - Sanyo Semicon Device

Back Button LV5680P Datasheet HTML 1Page - Sanyo Semicon Device LV5680P Datasheet HTML 2Page - Sanyo Semicon Device LV5680P Datasheet HTML 3Page - Sanyo Semicon Device LV5680P Datasheet HTML 4Page - Sanyo Semicon Device LV5680P Datasheet HTML 5Page - Sanyo Semicon Device LV5680P Datasheet HTML 6Page - Sanyo Semicon Device LV5680P Datasheet HTML 7Page - Sanyo Semicon Device LV5680P Datasheet HTML 8Page - Sanyo Semicon Device LV5680P Datasheet HTML 9Page - Sanyo Semicon Device LV5680P Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LV5680P Product details

Overview

The LV5680P is a multi-power supply system IC that provides four regulator outputs and two high side switches as well as a number of protection functions including overcurrent protection, overvoltage protection and overheat protection. It is an optimal power supply IC for car audio and car entertainment systems and similar products.



Features

• Four regulator output systems

For microcontroller: 5.0V output voltage, 200mA maximum output current

For CD drive: 8.0V output voltage, 1300mA maximum output current

For illumination: 8 to 12V output voltage (output can be set with external resistors), 300mA maximum output current

For audio systems: 8 to 9V output voltage (output voltage can be set with external resistors), 300mA maximum

output current

• Two VCC-linked high side switch systems

EXT: 350mA maximum output current, 0.5V voltage difference between input and output.

ANT: 300mA maximum output current, 0.5V voltage difference between input and output.

• Two VDD 5V-linked high side switch systems

SW5V: 200mA maximum output current, 0.2V voltage difference between input and output.

ACC (accessory voltage detection output): 100mA maximum output current, 0.2V voltage difference between input

and output.

• Overcurrent protection function

• Overvoltage protection function, typ 21V (excluding VDD 5V output)

• Overheat protection function, typ 175ºC

• On-chip accessory voltage detection circuit

• P-channel LDMOS used for power output block




Similar Part No. - LV5680P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5680NPVC SANYO-LV5680NPVC Datasheet
325Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
More results


Similar Description - LV5680P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com