Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB50LA120UX Datasheet (PDF) - Vishay Siliconix

GB50LA120UX Datasheet PDF - Vishay Siliconix
Part # GB50LA120UX
Download  GB50LA120UX Download

File Size   176.88 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description "Low Side Chopper" IGBT SOT-227 (Ultrafast IGBT), 50 A

GB50LA120UX Datasheet (PDF)

Go To PDF Page Download Datasheet
GB50LA120UX Datasheet PDF - Vishay Siliconix

Part # GB50LA120UX
Download  GB50LA120UX Click to download

File Size   176.88 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description "Low Side Chopper" IGBT SOT-227 (Ultrafast IGBT), 50 A

GB50LA120UX Datasheet (HTML) - Vishay Siliconix

GB50LA120UX Datasheet HTML 1Page - Vishay Siliconix GB50LA120UX Datasheet HTML 2Page - Vishay Siliconix GB50LA120UX Datasheet HTML 3Page - Vishay Siliconix GB50LA120UX Datasheet HTML 4Page - Vishay Siliconix GB50LA120UX Datasheet HTML 5Page - Vishay Siliconix GB50LA120UX Datasheet HTML 6Page - Vishay Siliconix GB50LA120UX Datasheet HTML 7Page - Vishay Siliconix GB50LA120UX Datasheet HTML 8Page - Vishay Siliconix GB50LA120UX Datasheet HTML 9Page - Vishay Siliconix GB50LA120UX Datasheet HTML 10Page - Vishay Siliconix

GB50LA120UX Product details

FEATURES
• NPT Generation V IGBT technology
• Square RBSOA
• HEXFRED® clamping diode
• Positive VCE(on) temperature coefficient
• Fully isolated package
• Speed 8 kHz to 60 kHz
• Very low internal inductance (≤ 5 nH typical)
• Industry standard outline
• UL approved file E78996
• Compliant to RoHS directive 2002/95/EC

BENEFITS
• Designed for increased operating efficiency in power conversion: UPS, SMPS, welding, induction heating
• Easy to assemble and parallel
• Direct mounting on heatsink
• Plug-in compatible with other SOT-227 packages
• Low EMI, requires less snubbing




Similar Part No. - GB50LA120UX

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GB502 GOOD-ARK-GB502 Datasheet
119Kb / 2P
   Block Type Automotive Rectifier Voltage Range 200 to 400 Volts Current 50 Amps
logo
Thinki Semiconductor Co...
GB502N THINKISEMI-GB502N Datasheet
1Mb / 3P
   50 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
GB502N THINKISEMI-GB502N Datasheet
1Mb / 3P
   50 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
GB502P THINKISEMI-GB502P Datasheet
1Mb / 3P
   50 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
GB502P THINKISEMI-GB502P Datasheet
1Mb / 3P
   50 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
More results






About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com