Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT80-04J Datasheet (PDF) - Sanyo Semicon Device

SBT80-04J Datasheet PDF - Sanyo Semicon Device
Part # SBT80-04J_07
Download  SBT80-04J Download

File Size   88.6 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 40V, 8A Rectifier

SBT80-04J Datasheet (PDF)

Go To PDF Page Download Datasheet
SBT80-04J Datasheet PDF - Sanyo Semicon Device

Part # SBT80-04J_07
Download  SBT80-04J Click to download

File Size   88.6 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 40V, 8A Rectifier

SBT80-04J Datasheet (HTML) - Sanyo Semicon Device




Similar Part No. - SBT80-04J_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
More results


Similar Description - SBT80-04J_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-04GS SANYO-SBT80-04GS Datasheet
237Kb / 3P
   40V, 8A Rectifier
logo
Diodes Incorporated
ZXGD3004E6Q DIODES-ZXGD3004E6Q Datasheet
601Kb / 8P
   40V 8A GATE DRIVER IN SOT26
March 2018
logo
Sanyo Semicon Device
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-04Y SANYO-SBT80-04Y Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
logo
Rohm
RQ7G080AT ROHM-RQ7G080AT Datasheet
2Mb / 14P
   Pch -40V -8A Small Signal Power MOSFET
logo
Sanyo Semicon Device
SB80-09J SANYO-SB80-09J Datasheet
82Kb / 3P
   90V, 8A Rectifier
SB80-09 SANYO-SB80-09 Datasheet
71Kb / 3P
   90V, 8A Rectifier
logo
Diodes Incorporated
DSR8U600 DIODES-DSR8U600 Datasheet
93Kb / 4P
   8A DIODESTAR RECTIFIER
DS35011 Rev. 2 - 2
DSR8V600 DIODES-DSR8V600 Datasheet
92Kb / 4P
   8A DIODESTAR RECTIFIER
DS35010 Rev. 2 - 2
logo
Sanyo Semicon Device
SB80W06T SANYO-SB80W06T Datasheet
263Kb / 3P
   60V, 8A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com