Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL01-12 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

CL01-12 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # CL01-12
Download  CL01-12 Download

File Size   109.28 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA

CL01-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL01-12 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # CL01-12
Download  CL01-12 Click to download

File Size   109.28 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA

CL01-12 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

CL01-12 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd CL01-12 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

CL01-12 Product details

Plastic High Voltage Rectifier

Reverse Voltage 12KV

Forward Current 350mA



Features

·IF(AV)   350 mA

·VRRM  12KV

·High reliability




Similar Part No. - CL01-12

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
CL01-12 AMMSEMI-CL01-12 Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
498Kb / 2P
   High Voltage Silicon Rectifiers Diodes
logo
Anshan Leadsun Electron...
CL01-12 LEADSUN-CL01-12 Datasheet
319Kb / 1P
   High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
logo
American Microsemicondu...
CL01-12D AMMSEMI-CL01-12D Datasheet
673Kb / 4P
   High Voltage Rectifier Series
More results


Similar Description - CL01-12

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
CL01-12S DACHANG-CL01-12S Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
CL01-09 DACHANG-CL01-09 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier Reverse Voltage 9KV Forward Current 350mA
2CL73A DACHANG-2CL73A Datasheet
118Kb / 2P
   Plastic Fast Recover High Voltage Rectifier Reverse Voltage 12KV Forward Current 5mA
logo
GETAI ELECTRONICS DEVIC...
BR12 GETEDZ-BR12 Datasheet
68Kb / 1P
   12kV 350mA HIGH VOLTAGE DIODES
ESJC13-12 GETEDZ-ESJC13-12 Datasheet
69Kb / 1P
   350mA 12kV HIGH VOLTAGE DIODES
2CL104 GETEDZ-2CL104 Datasheet
80Kb / 1P
   12kV 350mA HIGH VOLTAGE DIODE
BR12 GETEDZ-BR12_17 Datasheet
521Kb / 2P
   350mA 12kV -High Voltage Medium and High Current Diodes
logo
Rugao Dachang Electroni...
2CL04 DACHANG-2CL04 Datasheet
115Kb / 2P
   Plastic Fast Recover High Voltage Rectifier Reverse Voltage 4KV Forward Current 5mA
2CL72A DACHANG-2CL72A Datasheet
118Kb / 2P
   Plastic Fast Recover High Voltage Rectifier Reverse Voltage 10KV Forward Current 5mA
2CL72B DACHANG-2CL72B Datasheet
118Kb / 2P
   Plastic Fast Recover High Voltage Rectifier Reverse Voltage 10KV Forward Current 5mA
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com