Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM393N Datasheet (PDF) - Tiger Electronic Co.,Ltd

LM393N Datasheet PDF - Tiger Electronic Co.,Ltd
Part No. LM393N
Download  LM393N Click to view

File Size   199.45 Kbytes
Page   4 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Dual Differential Comparators

LM393N Datasheet (PDF)

Go To PDF Page Download Datasheet
LM393N Datasheet PDF - Tiger Electronic Co.,Ltd

Part No. LM393N
Download  LM393N Click to view

File Size   199.45 Kbytes
Page   4 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Dual Differential Comparators

LM393N Datasheet (HTML) - Tiger Electronic Co.,Ltd

LM393N Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM393N Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM393N Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM393N Datasheet HTML 4Page - Tiger Electronic Co.,Ltd

LM393N Product details

DESCRIPTION:

The LM393 consists of two independent voltage comparators with an offset voltage specification as low as 2.0mV max.for two comparators which were designed specifically to operation from a single power supply over a wide range of voltages. Operate from split power supplies is also possible,and the low power supply current drain is independent of the magnitude of the power supply voltage.These comparators also have a unique characteristic in that the input common-mode voltage range includes ground,even though operated from a single power supply voltage.



FEATURE:

Wide supply voltage range: single supply operation: 2V to 36V dual supply operation:±1V to ±18V

Very low supply current drain (0.8m,A) independent of supply voltage(2.0mW/comparator at 5.0 VDC)

Low input biasing current: 25nA

Low input offset current: 5.0nA; Low input offset voltage: 5.0mV

Input common-mode voltage range includes ground

Differential input voltage range equal to the power supply voltage

Output voltage compatible with TTL,DTL,ECL,MOS and CMOS logic systems.



Similar Part No. - LM393N

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
LM393N MOTOROLA-LM393N Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
Texas Instruments
Texas Instruments
LM393N TI1-LM393N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
National Semiconductor (TI)
National Semiconductor ...
LM393N NSC-LM393N Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
Fairchild Semiconductor
Fairchild Semiconductor
LM393N FAIRCHILD-LM393N Datasheet
155Kb / 8P
   Dual Differential Comparator
NXP Semiconductors
NXP Semiconductors
LM393N PHILIPS-LM393N Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results

Similar Description - LM393N

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
Texas Instruments
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
Texas Instruments
Texas Instruments
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
Wing Shing Computer Components
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results

Datasheet Page

1  2  3  4 


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz