Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COG-VLGT6566-04 Datasheet (PDF) - Varitronix international limited

COG-VLGT6566-04 Datasheet PDF - Varitronix international limited
Part # COG-VLGT6566-04
Download  COG-VLGT6566-04 Download

File Size   2246.09 Kbytes
Page   18 Pages
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited
Description 4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.

COG-VLGT6566-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
COG-VLGT6566-04 Datasheet PDF - Varitronix international limited

Part # COG-VLGT6566-04
Download  COG-VLGT6566-04 Click to download

File Size   2246.09 Kbytes
Page   18 Pages
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited
Description 4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.

COG-VLGT6566-04 Datasheet (HTML) - Varitronix international limited

Back Button COG-VLGT6566-04 Datasheet HTML 1Page - Varitronix international limited COG-VLGT6566-04 Datasheet HTML 2Page - Varitronix international limited COG-VLGT6566-04 Datasheet HTML 3Page - Varitronix international limited COG-VLGT6566-04 Datasheet HTML 4Page - Varitronix international limited COG-VLGT6566-04 Datasheet HTML 5Page - Varitronix international limited COG-VLGT6566-04 Datasheet HTML 6Page - Varitronix international limited COG-VLGT6566-04 Datasheet HTML 7Page - Varitronix international limited COG-VLGT6566-04 Datasheet HTML 8Page - Varitronix international limited COG-VLGT6566-04 Datasheet HTML 9Page - Varitronix international limited COG-VLGT6566-04 Datasheet HTML 10Page - Varitronix international limited Next Button 

COG-VLGT6566-04 Product details

LCD Module



General Description 

•  4.3” TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.

•  Viewing angle: 6 o’clock.

•  Driving IC: ‘HIMAX’ HX8257-A (COG) TFT LCD controller & driver or equivalent.

•  Data interface: parallel RGB interface.

•  Logic voltage: 3.0V.

•  White LED backlight.

•  FPC connection.

•  “RoHS” compliance.




Similar Part No. - COG-VLGT6566-04

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
COG-VLGT6566-03 VARITRONIX-COG-VLGT6566-03 Datasheet
2Mb / 18P
   4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.
More results


Similar Description - COG-VLGT6566-04

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
COG-VLGT6566-03 VARITRONIX-COG-VLGT6566-03 Datasheet
2Mb / 18P
   4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.
logo
List of Unclassifed Man...
K70DWN2-V1-FF ETC2-K70DWN2-V1-FF Datasheet
625Kb / 13P
   Standard LCD Module 800 x RGB x 480 Dots
logo
HYES Optoelectronics, I...
HT4302L-T HYES-HT4302L-T Datasheet
1Mb / 25P
   LCD MODULE (480 횞 RGB 횞 272)
logo
LG Semicon Co.,Ltd.
LB064V02 LG-LB064V02 Datasheet
205Kb / 24P
   6.4 V (640 X RGB X 480 ) TFT LCD
logo
Sharp Corporation
LM8V311 SHARP-LM8V311 Datasheet
919Kb / 30P
   DEVlCESPECIFICATIONfoor for Passive Matrix Color LCD Module (640 X 480 dots)
logo
Vishay Siliconix
LCD-640X480A VISHAY-LCD-640X480A Datasheet
121Kb / 2P
   640 X 480 DOTS GRAPHIC LCD
Revision 01-Oct-02
logo
WAGO Kontakttechnik Gmb...
762-4201-8000-001 WAGO-762-4201-8000-001 Datasheet
263Kb / 6P
   Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x ETHERNET
762-3000 WAGO-762-3000 Datasheet
384Kb / 6P
   Web Panel; 10.9 cm (4.3"); 480 x 272 pixels; 2 x USB, 2 x ETHERNET
logo
LUMEX INC.
LCM-H04002DSR LUMEX-LCM-H04002DSR_17 Datasheet
117Kb / 2P
   5 X 8 DOT MATRIX 40 X 2 LCD Chracter MODULE
LCM-H04002DWN LUMEX-LCM-H04002DWN_17 Datasheet
115Kb / 2P
   5 X 8 DOT MATRIX 40 X 2 LCD Chracter MODULE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com