Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX6314EH Datasheet (PDF) - Renesas Technology Corp

NX6314EH Datasheet PDF - Renesas Technology Corp
Part # NX6314EH
Download  NX6314EH Download

File Size   205.61 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS

NX6314EH Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6314EH Datasheet PDF - Renesas Technology Corp

Part # NX6314EH
Download  NX6314EH Click to download

File Size   205.61 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS

NX6314EH Datasheet (HTML) - Renesas Technology Corp

NX6314EH Datasheet HTML 1Page - Renesas Technology Corp NX6314EH Datasheet HTML 2Page - Renesas Technology Corp NX6314EH Datasheet HTML 3Page - Renesas Technology Corp NX6314EH Datasheet HTML 4Page - Renesas Technology Corp NX6314EH Datasheet HTML 5Page - Renesas Technology Corp NX6314EH Datasheet HTML 6Page - Renesas Technology Corp NX6314EH Datasheet HTML 7Page - Renesas Technology Corp

NX6314EH Product details

DESCRIPTION
The NX6314EH is a 1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.

FEATURES
• Optical output power PO = 5.0 mW
• Low threshold current Ith = 10 mA
• Differential efficiency ηd = 0.4 W/A
• Wide operating temperature range TC = −40 to +85°C
• InGaAs monitor PIN-PD
• CAN package φ 5.6 mm
• Focal point 6.7 mm

APPLICATIONS
• 1.25 Gb/s FTTH P2P
• 3 Gb/s BTS




Similar Part No. - NX6314EH

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6314EH CEL-NX6314EH Datasheet
903Kb / 6P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
NX6314EH-AZ CEL-NX6314EH-AZ Datasheet
903Kb / 6P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
More results


Similar Description - NX6314EH

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6314EH CEL-NX6314EH Datasheet
903Kb / 6P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6308GH RENESAS-NX6308GH Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6514EH RENESAS-NX6514EH_15 Datasheet
217Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
NX6511GH RENESAS-NX6511GH Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
NX6510GH RENESAS-NX6510GH Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
NX6514EH RENESAS-NX6514EH Datasheet
205Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com