Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB514256B Datasheet (PDF) - Siemens Semiconductor Group

HYB514256B Datasheet PDF - Siemens Semiconductor Group
Part # HYB514256B
Download  HYB514256B Download

File Size   215.36 Kbytes
Page   22 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM

HYB514256B Datasheet (PDF)

Go To PDF Page Download Datasheet
HYB514256B Datasheet PDF - Siemens Semiconductor Group

Part # HYB514256B
Download  HYB514256B Click to download

File Size   215.36 Kbytes
Page   22 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM

HYB514256B Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYB514256B Datasheet HTML 1Page - Siemens Semiconductor Group HYB514256B Datasheet HTML 2Page - Siemens Semiconductor Group HYB514256B Datasheet HTML 3Page - Siemens Semiconductor Group HYB514256B Datasheet HTML 4Page - Siemens Semiconductor Group HYB514256B Datasheet HTML 5Page - Siemens Semiconductor Group HYB514256B Datasheet HTML 6Page - Siemens Semiconductor Group HYB514256B Datasheet HTML 7Page - Siemens Semiconductor Group HYB514256B Datasheet HTML 8Page - Siemens Semiconductor Group HYB514256B Datasheet HTML 9Page - Siemens Semiconductor Group HYB514256B Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYB514256B Product details

The HYB 514256B/BJ/BL/BJL is the new generation dynamic RAM organized as 262 144 words by 4-bit. The HYB 514256B/BJ/BL/BJL utilizes CMOS silicon gate process technology as well as advanced circuit techniques to provide wide operating margins, both internally and for the system user. Multiplexed address inputs permit the HYB 514256B/BJ/BL/BJL to be packaged in a standard plastic P-DIP-20-2,or plastic P-SOJ-26/20-1. This package size provides high system bit densities and is compatible with commonly used automatic testing and insertion equipment. System oriented features include single + 5 V (± 10 %) power supply, direct interfacing with high-performance logic device families such as Schottky TTL. These HYB 514256BL/BJL are specially selected for battery backup applications.



Advanced Information

• 262 144 words by 4-bit organization

• Fast access and cycle time

   50 ns access time

   95 ns cycle time (-50 version)

   60 ns access time

   110 ns cycle time (-60 version)

   70 ns access time

   130 ns cycle time (-70 version)

• Fast page mode cycle time

   35 ns (-50 version)

   40 ns (-60 version)

   45 ns (-70 version)

• Low power dissipation

   max. 495 mW active (-50 version)

   max. 440 mW active (-60 version)

   max. 385 mW active (-70 version)

   max. 5.5 mW standby

   max. 1.1 mW standby for L-version

• Single + 5 V (± 10 %) supply with a built-in VBB generator

• Output unlatched at cycle end allows two dimensional chip selection

• Read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden-refresh and fast page mode capability

• All inputs, outputs and clocks

   TTL-compatible

• 512 refresh cycles/8 ms

   512 refresh cycles/64 ms for L-version only

• Plastic Packages: P-DIP-20-2, P-SOJ-26/20-1



 




Similar Part No. - HYB514256B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514265BJ-40 SIEMENS-HYB514265BJ-40 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
HYB514265BJ-45 SIEMENS-HYB514265BJ-45 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
HYB514265BJ-50 SIEMENS-HYB514265BJ-50 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
More results


Similar Description - HYB514256B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
logo
Fujitsu Component Limit...
MB81F643242C FUJITSU-MB81F643242C Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
logo
Samsung semiconductor
KM44C256BL SAMSUNG-KM44C256BL Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256C SAMSUNG-KM44C256C Datasheet
1Mb / 17P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A SAMSUNG-KM44C256A Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256D SAMSUNG-KM44C256D Datasheet
353Kb / 7P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256B SAMSUNG-KM44C256B Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
logo
Fujitsu Component Limit...
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
   MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com