Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB514400BJ Datasheet (PDF) - Siemens Semiconductor Group

HYB514400BJ Datasheet PDF - Siemens Semiconductor Group
Part # HYB514400BJ
Download  HYB514400BJ Download

File Size   931.87 Kbytes
Page   24 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM

HYB514400BJ Datasheet (PDF)

Go To PDF Page Download Datasheet
HYB514400BJ Datasheet PDF - Siemens Semiconductor Group

Part # HYB514400BJ
Download  HYB514400BJ Click to download

File Size   931.87 Kbytes
Page   24 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM

HYB514400BJ Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYB514400BJ Datasheet HTML 1Page - Siemens Semiconductor Group HYB514400BJ Datasheet HTML 2Page - Siemens Semiconductor Group HYB514400BJ Datasheet HTML 3Page - Siemens Semiconductor Group HYB514400BJ Datasheet HTML 4Page - Siemens Semiconductor Group HYB514400BJ Datasheet HTML 5Page - Siemens Semiconductor Group HYB514400BJ Datasheet HTML 6Page - Siemens Semiconductor Group HYB514400BJ Datasheet HTML 7Page - Siemens Semiconductor Group HYB514400BJ Datasheet HTML 8Page - Siemens Semiconductor Group HYB514400BJ Datasheet HTML 9Page - Siemens Semiconductor Group HYB514400BJ Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYB514400BJ Product details

1M × 4-Bit Dynamic RAM

The HYB 514400BJ/BJL is the new generation dynamic RAM organized as 1 048 576 words by 4-bit. The HYB 514400BJ/BJL utilizes CMOS silicon gate process as well as advances circuit techniques to provide wide operation margins, both internally and for the system user. Multiplexed address inputs permit the HYB 514400BJ/BJL to be packed in a standard plastic P-SOJ-26/20 package. This package size provides high system bit densities and is compatible with commonly used automatic testing and insertion equipment. System oriented features include single + 5 V (± 10 %) power supply, direct interfacing with high performance logic device families such as Schottky TTL.

Advanced Information
• 1 048 576 words by 4-bit organization
• 0 to 70 °C operating temperature
• Fast Page Mode Operation
• Performance:
• Single + 5 V (± 10 %) supply with a built-in VBB generator
• Low power dissipation
   max. 660 mW active (-50 version)
   max. 605 mW active (-60 version)
• Standby power dissipation:
   11 mW max. standby (TTL)
   5.5 mW max. standby (CMOS)
• Output unlatched at cycle end allows two-dimensional chip selection
• Read, write, read-modify write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh and test mode capability
• All inputs and outputs TTL-compatible
• 1024 refresh cycles / 16 ms
• Plastic Packages: P-SOJ-26/20-2 with 300 mil width




Similar Part No. - HYB514400BJ

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-50 SIEMENS-HYB514400BJ-50 Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-60 SIEMENS-HYB514400BJ-60 Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-60 SIEMENS-HYB514400BJ-60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ-70 SIEMENS-HYB514400BJ-70 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Similar Description - HYB514400BJ

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514405BJ SIEMENS-HYB514405BJ Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com