Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4392 Datasheet (PDF) - Asahi Kasei Microsystems

AK4392 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4392
Download  AK4392 Download

File Size   565.99 Kbytes
Page   41 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description High Performance 120dB Premium 32-Bit DAC

AK4392 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4392 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4392
Download  AK4392 Click to download

File Size   565.99 Kbytes
Page   41 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description High Performance 120dB Premium 32-Bit DAC

AK4392 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4392 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4392 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4392 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4392 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4392 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4392 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4392 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4392 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4392 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4392 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4392 Product details

GENERAL DESCRIPTION

AK4392 is a 32-bit DAC, which corresponds to DVD-Audio systems. An internal circuit includes newly developed 32bit Digital Filter for better sound quality achieving low distortion characteristics and wide

dynamic range. The AK4392 has full differential SCF outputs, removing the need for AC coupling capacitors and increasing performance for systems with excessive clock jitter. The AK4392 accepts 192kHz PCM data and 1-bit DSD data, ideal for a wide range of applications including Blu-Ray, DVD-Audio and SACD.



FEATURES

• 128x Over sampling

• Sampling Rate: 30kHz ∼ 216kHz

• 32Bit 8x Digital Filter (Minimum delay option GD=7/fs)

   - Ripple: ±0.005dB, Attenuation: 100dB

• High Tolerance to Clock Jitter

• Low Distortion Differential Output

• DSD data input

• Digital De-emphasis for 32, 44.1, 48kHz sampling

• Soft Mute

• Digital Attenuator (255 levels and 0.5dB step)

• Mono Mode

• External Digital Filter Mode

• THD+N: -103dB

• DR, S/N: 120dB

• I/F Format: 24/32bit MSB justified, 16/20/24/32bit LSB justified, I2S, DSD

• Master Clock:

   30kHz ~ 32kHz: 1152fs

   30kHz ~ 54kHz: 512fs or 768fs

   30kHz ~ 108kHz: 256fs or 384fs

   108kHz ~ 216kHz: 128fs or 192fs

• Power Supply: 4.75 ∼ 5.25V

• Digital Input Level: TTL

• Package: 44pin LQFP



 




Similar Part No. - AK4392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4390 AKM-AK4390 Datasheet
444Kb / 32P
   Ultra Low Latency 32-Bit ?誇 DAC
AK4390EF AKM-AK4390EF Datasheet
444Kb / 32P
   Ultra Low Latency 32-Bit ?誇 DAC
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
AK4393 AKM-AK4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
AK4393 AKM-AK4393 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
More results


Similar Description - AK4392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
   High Performance 120dB 32-Bit 4ch DAC
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
   High Performance Premium 32-Bit DAC
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
   High Performance 123dB Premium 32-Bit DAC
AK4413EQ AKM-AK4413EQ Datasheet
833Kb / 48P
   High Performance 120dB 24-Bit 4ch DAC
logo
List of Unclassifed Man...
AK4413EQP ETC2-AK4413EQP Datasheet
576Kb / 47P
   High Performance 120dB 24-Bit 4ch DAC
logo
Asahi Kasei Microsystem...
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
   High Performance 114dB 32-Bit DAC
AK4495EQ AKM-AK4495EQ Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com