Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4480 Datasheet (PDF) - Asahi Kasei Microsystems

AK4480 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4480
Download  AK4480 Download

File Size   575.6 Kbytes
Page   44 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description High Performance 114dB 32-Bit DAC

AK4480 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4480 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4480
Download  AK4480 Click to download

File Size   575.6 Kbytes
Page   44 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description High Performance 114dB 32-Bit DAC

AK4480 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4480 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4480 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4480 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4480 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4480 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4480 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4480 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4480 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4480 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4480 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4480 Product details

GENERAL DESCRIPTION

The AK4480 is a 32-bit DAC, which corresponds to Blu-ray Disc systems.An internal circuit includes newly developed 32bit Digital Filter for better sound quality achieving low distortion characteristics and wide dynamic range. The AK4480 has full differential SCF outputs, removing the need for AC coupling capacitors and increasing performance for systems with excessive clock jitter. The AK4480 accepts 216kHz PCM data and 1-bit DSD data, ideal for a wide range of applications including Blu-ray Discs and SACDs.



FEATURES

•128x Over Sampling

•Sampling Rate: 30kHz ∼216kHz

•32Bit 8x Digital Filter

- Ripple: ±0.005dB, Attenuation: 70dB

- Minimum delay option GD=7/fs

- Sharp Roll-off Filter

- Slow Roll-off Filter

•High Tolerance to Clock Jitter

•Low Distortion Differential Output

•DSD Data Input

•Digital De-emphasis for 32, 44.1, 48kHz Sampling

•Soft Mute

•Digital Attenuator (Linear 256 steps)

•Mono Mode

•External Digital Filter Mode

•THD+N: -100dB

•DR, S/N: 114dB (117dB when Mono mode)

•I/F Format: 24/32bit MSB justified,16/20/24/32bit LSB justified, I2S, DSD

• Master Clock:

30kHz ~ 32kHz: 1152fs

30kHz ~ 54kHz: 512fs or 768fs

30kHz ~ 108kHz: 256fs or 384fs

108kHz ~ 216kHz: 128fs or 192fs

•Power Supply: 4.75 ∼5.25V

•Digital Input Level: TTL

•Package: 30pin VSOP




Similar Part No. - AK4480

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK448192D ACCUTEK-AK448192D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK448192D ACCUTEK-AK448192D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK448192D ACCUTEK-AK448192D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK448192D ACCUTEK-AK448192D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK448192D ACCUTEK-AK448192D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results


Similar Description - AK4480

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
   High Performance Premium 32-Bit DAC
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
   High Performance 120dB 32-Bit 4ch DAC
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
logo
ESS Technology,Inc
ES9080 ESS-ES9080 Datasheet
2Mb / 146P
   32-bit High-Performance 8-Channel DAC
April 7th, 2022
ES9039MPRO ESS-ES9039MPRO Datasheet
1Mb / 95P
   32-bit High-Performance 8-Channel DAC
Sept, 2022
logo
Asahi Kasei Microsystem...
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
   High Performance 123dB Premium 32-Bit DAC
logo
Cirrus Logic
CS4399 CIRRUS-CS4399 Datasheet
2Mb / 111P
   130-dB, 32-Bit High-Performance DAC
logo
ESS Technology,Inc
ES9027PRO ESS-ES9027PRO Datasheet
1Mb / 89P
   32-bit High-Performance 8-Channel DAC
November 17, 2022
ES9033 ESS-ES9033 Datasheet
1Mb / 103P
   32-bit High-Performance 2-Channel DAC with Line Drivers
April 20, 2022
logo
Cirrus Logic
CS43198 CIRRUS-CS43198 Datasheet
5Mb / 137P
   130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
F1 OCT 17
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com