Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR53601111 Datasheet (PDF) - Siemens Semiconductor Group

LR53601111 Datasheet PDF - Siemens Semiconductor Group
Part # LR53601111
Download  LR53601111 Download

File Size   75.57 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description T1 (5mm) LED LAMP

LR53601111 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR53601111 Datasheet PDF - Siemens Semiconductor Group

Part # LR53601111
Download  LR53601111 Click to download

File Size   75.57 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description T1 (5mm) LED LAMP

LR53601111 Datasheet (HTML) - Siemens Semiconductor Group

LR53601111 Datasheet HTML 1Page - Siemens Semiconductor Group

LR53601111 Product details

T1 3/4 (5mm) LED LAMP

FEATURES
• High Light Output
• Diffused Lens
• Wide Videwing Angle 70°
• With Standoffs
• T1 3/4 (5 mm) Package Size
• 1" Lead Length
• I/C Compatible




Similar Part No. - LR53601111

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5360-DG SIEMENS-LR5360-DG Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5360-F SIEMENS-LR5360-F Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5360-FJ SIEMENS-LR5360-FJ Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5360-G SIEMENS-LR5360-G Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
More results


Similar Description - LR53601111

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR54801111 SIEMENS-LR54801111 Datasheet
67Kb / 1P
   T1 (5mm) LED LAMP
LR5420 SIEMENS-LR5420 Datasheet
93Kb / 1P
   T1(5mm) LED LAMP
LS5180 SIEMENS-LS5180 Datasheet
89Kb / 1P
   T1 (5mm) LED LAMP
LB5410 SIEMENS-LB5410 Datasheet
77Kb / 1P
   BLUE T1 (5mm) LED LAMP
logo
List of Unclassifed Man...
QSD8T120B ETC1-QSD8T120B Datasheet
548Kb / 7P
   5mm lamp LED
logo
Siemens Semiconductor G...
LS33401111 SIEMENS-LS33401111 Datasheet
88Kb / 1P
   T1(3mm) LED LAMP
LR3360 SIEMENS-LR3360 Datasheet
91Kb / 1P
   T1(3mm) LED LAMP
logo
P-tec Corporation
PL16D-WCR23 P-TEC-PL16D-WCR23 Datasheet
73Kb / 1P
   5MM (T1 3/4) LED
PL15-CDG13 P-TEC-PL15-CDG13 Datasheet
35Kb / 1P
   5MM (T1 3/4) LED
PL15-CDY01 P-TEC-PL15-CDY01 Datasheet
30Kb / 1P
   5MM (T1 3/4) LED
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com