Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4051PW Datasheet (PDF) - NXP Semiconductors

74LV4051PW Datasheet PDF - NXP Semiconductors
Part # 74LV4051PW
Download  74LV4051PW Download

File Size   161.91 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-channel analog multiplexer/demultiplexer

74LV4051PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV4051PW Datasheet PDF - NXP Semiconductors

Part # 74LV4051PW
Download  74LV4051PW Click to download

File Size   161.91 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-channel analog multiplexer/demultiplexer

74LV4051PW Datasheet (HTML) - NXP Semiconductors

Back Button 74LV4051PW Datasheet HTML 1Page - NXP Semiconductors 74LV4051PW Datasheet HTML 2Page - NXP Semiconductors 74LV4051PW Datasheet HTML 3Page - NXP Semiconductors 74LV4051PW Datasheet HTML 4Page - NXP Semiconductors 74LV4051PW Datasheet HTML 5Page - NXP Semiconductors 74LV4051PW Datasheet HTML 6Page - NXP Semiconductors 74LV4051PW Datasheet HTML 7Page - NXP Semiconductors 74LV4051PW Datasheet HTML 8Page - NXP Semiconductors 74LV4051PW Datasheet HTML 9Page - NXP Semiconductors 74LV4051PW Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LV4051PW Product details

General description

The 74LV4051 is an 8-channel analog multiplexer/demultiplexer with three digital select inputs (S0 to S2), an active-LOW enable input (E), eight independent inputs/outputs (Y0 to Y7) and a common input/output (Z). It is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC4051 and 74HCT4051. WithE LOW, one of the eight switches is selected (low impedance ON-state) by S0 to S2. WithE HIGH, all switches are

in the high-impedance OFF-state, independent of S0 to S2.



Features

Optimized for low-voltage applications: 1.0 V to 6.0 V

Accepts TTL input levels between VCC= 2.7 V and VCC= 3.6 V

Low ON resistance:

  145Ω(typical) at VCC−VEE= 2.0 V

  80Ω(typical) at VCC−VEE= 3.0 V

  60Ω(typical) at VCC−VEE= 4.5 V

Logic level translation:

  To enable 3 V logic to communicate with±3 V analog signals

Typical ‘break before make’ built in

ESD protection:

  HBM JESD22-A114E exceeds 2000 V

  MM JESD22-A115-A exceeds 200 V

Multiple package options

Specified from−40°Cto+85°C and from−40°C to +125°C




Similar Part No. - 74LV4051PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4051PW PHILIPS-74LV4051PW Datasheet
156Kb / 18P
   8-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4051PW NEXPERIA-74LV4051PW Datasheet
329Kb / 20P
   8-channel analog multiplexer/demultiplexer
Rev. 8 - 16 July 2021
74LV4051PW-Q100 NEXPERIA-74LV4051PW-Q100 Datasheet
289Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 1 - 16 July 2021
logo
NXP Semiconductors
74LV4051PWDH PHILIPS-74LV4051PWDH Datasheet
156Kb / 18P
   8-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Similar Description - 74LV4051PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com