Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX24C04 Datasheet (PDF) - Siemens Semiconductor Group

SLX24C04 Datasheet PDF - Siemens Semiconductor Group
Part # SLX24C04
Download  SLX24C04 Download

File Size   314.38 Kbytes
Page   22 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus

SLX24C04 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLX24C04 Datasheet PDF - Siemens Semiconductor Group

Part # SLX24C04
Download  SLX24C04 Click to download

File Size   314.38 Kbytes
Page   22 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus

SLX24C04 Datasheet (HTML) - Siemens Semiconductor Group

Back Button SLX24C04 Datasheet HTML 1Page - Siemens Semiconductor Group SLX24C04 Datasheet HTML 2Page - Siemens Semiconductor Group SLX24C04 Datasheet HTML 3Page - Siemens Semiconductor Group SLX24C04 Datasheet HTML 4Page - Siemens Semiconductor Group SLX24C04 Datasheet HTML 5Page - Siemens Semiconductor Group SLX24C04 Datasheet HTML 6Page - Siemens Semiconductor Group SLX24C04 Datasheet HTML 7Page - Siemens Semiconductor Group SLX24C04 Datasheet HTML 8Page - Siemens Semiconductor Group SLX24C04 Datasheet HTML 9Page - Siemens Semiconductor Group SLX24C04 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

SLX24C04 Product details

Features
• Data EEPROM internally organized as 512 bytes and 32 pages × 16 bytes
• Low power CMOS
• VCC = 2.7 to 5.5 V operation
• Two wire serial interface bus, I2C-Bus compatible
• Filtered inputs for noise suppression with Schmitt trigger
• Clock frequency up to 400 kHz
• High programming flexibility
   – Internal programming voltage
   – Self timed programming cycle including erase
   – Byte-write and page-write programming, between 1 and 16 bytes
   – Typical programming time 5 ms for up to 16 bytes
• High reliability
   – Endurance 106 cycles1)
   – Data retention 40 years1)
   – ESD protection 4000 V on all pins
• 8 pin DIP/DSO packages
• Available for extended temperature ranges
   – Industrial: − 40 °C to + 85 °C
   – Automotive: − 40 °C to + 125 °C




Similar Part No. - SLX24C04

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
More results


Similar Description - SLX24C04

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
ATMEL Corporation
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com