Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58(C)-LFR Datasheet (PDF) - Frontier Electronics.

SA58(C)-LFR Datasheet PDF - Frontier Electronics.
Part # SA58(C)-LFR
Download  SA58(C)-LFR Download

File Size   132.37 Kbytes
Page   5 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 500W TRANSIENT VOLTAGE SUPPRESSOR

SA58(C)-LFR Datasheet (PDF)

Go To PDF Page Download Datasheet
SA58(C)-LFR Datasheet PDF - Frontier Electronics.

Part # SA58(C)-LFR
Download  SA58(C)-LFR Click to download

File Size   132.37 Kbytes
Page   5 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 500W TRANSIENT VOLTAGE SUPPRESSOR

SA58(C)-LFR Datasheet (HTML) - Frontier Electronics.

SA58(C)-LFR Datasheet HTML 1Page - Frontier Electronics. SA58(C)-LFR Datasheet HTML 2Page - Frontier Electronics. SA58(C)-LFR Datasheet HTML 3Page - Frontier Electronics. SA58(C)-LFR Datasheet HTML 4Page - Frontier Electronics. SA58(C)-LFR Datasheet HTML 5Page - Frontier Electronics.

SA58(C)-LFR Product details

FEATURES
● PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMABILITY CLASSIFICATION 94V-0
● 500W PEAK PULSE POWER CAPABILITY ON 10/1000μs WAVEFORM
● EXCELLENT CLAMPING CAPABILITY
● REPETITION RATE (DUTY CYCLE):0.01%
● LOW INCREMENTAL SURGE RESISTANCE
● FAST RESPONSE TIME: TYPICALLY LESS THAN 1.0 ps FROM 0 VOLTS TO BV FOR UNIDIRECTIONAL AND 5.0ns FOR BIDIRECTIONAL TYPES
● TYPICAL ID LESS THAN 1μA ABOVE 10V
● HIGH TEMPERATURE SOLDERING: 260°C /10S /0.375” (9.5mm) LEAD LENGTH/5LBS., (2.3KG) TENSION
● ROHS




Similar Part No. - SA58(C)-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SA58(C) FRONTIER-SA58(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA58(C)A FRONTIER-SA58(C)A Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
SA58(C)A FORMOSA-SA58(C)A Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
More results


Similar Description - SA58(C)-LFR

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com