Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5818 Datasheet (PDF) - Frontier Electronics.

SM5818 Datasheet PDF - Frontier Electronics.
Part # SM5818
Download  SM5818 Download

File Size   126.5 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SM5818 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5818 Datasheet PDF - Frontier Electronics.

Part # SM5818
Download  SM5818 Click to download

File Size   126.5 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SM5818 Datasheet (HTML) - Frontier Electronics.

SM5818 Datasheet HTML 1Page - Frontier Electronics. SM5818 Datasheet HTML 2Page - Frontier Electronics.

SM5818 Product details

FEATURES
   EXTREMELY LOW VF
   LOW STORED CHARGE, MAJORITY CARRIER CONDUCTION
   LOW POWER LOSS / HIGH EFFICIENCY
   UL 94V-0 FLAME RETARDANT EPOXY MOLDING COMPOUND

MECHANICAL DATA
CASE: TRANSFER MOLDED, MELF, DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDERABLE PER MIL-STD-750, METHOD 2026
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.135 GRAMS




Similar Part No. - SM5818

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM5818 RECTRON-SM5818 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
MIC GROUP RECTIFIERS
SM5818 MIC-SM5818 Datasheet
59Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SM5818 CHENDA-SM5818 Datasheet
615Kb / 2P
   SCHOTTKY
logo
Bytes
SM5818 BYTES-SM5818 Datasheet
147Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SM5818 SEMTECH_ELEC-SM5818 Datasheet
115Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SM5818

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com