Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1005S060 Datasheet (PDF) - Integrated Device Technology

ADC1005S060 Datasheet PDF - Integrated Device Technology
Part # ADC1005S060
Download  ADC1005S060 Download

File Size   436.87 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Single 10 bits ADC, up to 60 MHz

ADC1005S060 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1005S060 Datasheet PDF - Integrated Device Technology

Part # ADC1005S060
Download  ADC1005S060 Click to download

File Size   436.87 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Single 10 bits ADC, up to 60 MHz

ADC1005S060 Datasheet (HTML) - Integrated Device Technology

Back Button ADC1005S060 Datasheet HTML 1Page - Integrated Device Technology ADC1005S060 Datasheet HTML 2Page - Integrated Device Technology ADC1005S060 Datasheet HTML 3Page - Integrated Device Technology ADC1005S060 Datasheet HTML 4Page - Integrated Device Technology ADC1005S060 Datasheet HTML 5Page - Integrated Device Technology ADC1005S060 Datasheet HTML 6Page - Integrated Device Technology ADC1005S060 Datasheet HTML 7Page - Integrated Device Technology ADC1005S060 Datasheet HTML 8Page - Integrated Device Technology ADC1005S060 Datasheet HTML 9Page - Integrated Device Technology ADC1005S060 Datasheet HTML 10Page - Integrated Device Technology Next Button 

ADC1005S060 Product details

General description
The ADC1005S060 is a 10-bit high-speed low-power Analog-to-Digital Converter (ADC) for professional video and other applications. It converts the analog input signal into 10-bit binary or gray coded digital words at a maximum sampling rate of 60 MHz. All digital inputs and outputs are Transistor-Transistor Logic (TTL) and CMOS compatible, although a low-level sine wave clock input signal is allowed.
The device requires an external source to drive its reference ladder.

Features
■ 10-bit resolution (binary or gray code)
■ Sampling rate up to 60 MHz
■ DC sampling allowed
■ One clock cycle conversion only
■ High signal-to-noise ratio over a large analog input frequency range (9.3 effective bits at 5 MHz full-scale input at fclk = 60 MHz)
■ No missing codes guaranteed
■ In-Range (IR) CMOS output
■ TTL and CMOS levels compatible digital inputs
■ 2.7 V to 3.6 V CMOS digital outputs
■ Low-level AC clock input signal allowed
■ External reference voltage regulator
■ Power dissipation only 312 mW (typical)
■ Low analog input capacitance, no buffer amplifier required
■ No sample-and-hold circuit required

Applications
■ Video data digitizing
■ Radar
■ Barcode scanners
■ Digital instrumentation
■ Transient signal analysis
■ Σ∆ modulators
■ Medical imaging




Similar Part No. - ADC1005S060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1005S060 NXP-ADC1005S060 Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1005S060TS NXP-ADC1005S060TS Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
More results


Similar Description - ADC1005S060

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1005S060 NXP-ADC1005S060 Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com