Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT573BQ-Q100 Datasheet (PDF) - NXP Semiconductors

74HCT573BQ-Q100 Datasheet PDF - NXP Semiconductors
Part # 74HCT573BQ-Q100
Download  74HCT573BQ-Q100 Download

File Size   253.74 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal D-type transparent latch; 3-state

74HCT573BQ-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT573BQ-Q100 Datasheet PDF - NXP Semiconductors

Part # 74HCT573BQ-Q100
Download  74HCT573BQ-Q100 Click to download

File Size   253.74 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal D-type transparent latch; 3-state

74HCT573BQ-Q100 Datasheet (HTML) - NXP Semiconductors

Back Button 74HCT573BQ-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74HCT573BQ-Q100 Product details

General description
The 74HC573-Q100; 74HCT573-Q100 is a high-speed Si-gate CMOS device and is pin compatible with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard no. 7A.

Features and benefits
■ Automotive product qualification in accordance with AEC-Q100 (Grade 1)
   ◆ Specified from -40°C to +85°C and from -40°C to +125°C
■ Input levels:
   ◆ For 74HC573: CMOS level
   ◆ For 74HCT573: TTL level
■ Inputs and outputs on opposite sides of package
   allowing easy interface with microprocessors
■ Useful as input or output port for microprocessors and microcomputers
■ 3-state non-inverting outputs for bus-oriented applications
■ Common 3-state output enable input
■ Multiple package options
■ ESD protection:
   ◆ MIL-STD-883, method 3015 exceeds 2000 V
   ◆ HBM JESD22-A114F exceeds 2000 V
   ◆ MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)




Similar Part No. - 74HCT573BQ-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT573BQ-Q100 NEXPERIA-74HCT573BQ-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Similar Description - 74HCT573BQ-Q100

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com