Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP81720A Datasheet (PDF) - Sony Corporation

CXP81720A Datasheet PDF - Sony Corporation
Part # CXP81720A
Download  CXP81720A Download

File Size   515.14 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP81720A Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP81720A Datasheet PDF - Sony Corporation

Part # CXP81720A
Download  CXP81720A Click to download

File Size   515.14 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP81720A Datasheet (HTML) - Sony Corporation

Back Button CXP81720A Datasheet HTML 1Page - Sony Corporation CXP81720A Datasheet HTML 2Page - Sony Corporation CXP81720A Datasheet HTML 3Page - Sony Corporation CXP81720A Datasheet HTML 4Page - Sony Corporation CXP81720A Datasheet HTML 5Page - Sony Corporation CXP81720A Datasheet HTML 6Page - Sony Corporation CXP81720A Datasheet HTML 7Page - Sony Corporation CXP81720A Datasheet HTML 8Page - Sony Corporation CXP81720A Datasheet HTML 9Page - Sony Corporation CXP81720A Datasheet HTML 10Page - Sony Corporation Next Button 

CXP81720A Product details

Description
The CXP81720A/81724A is a CMOS 8-bit microcomputer which consists of A/D converter, serial interface, timer/counter, time base timer, vector interruption, high precision timing pattern generation circuit, PWM generator, PWM for tuner, 32kHz timer/event counter, remote control receiving circuit, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip.

Features
• A wide instruction set (213 instructions) which cover various types of data
    — 16-bit arithmetic instruction/multiplication and division instructions/boolean bit operation instruction
• Minimum instruction cycle During operation 250ns/16MHz (Supply voltage 4.5 to 5.5V)
                                             During operation 122µs/32kHz
• Incorporated ROM capacity 20K bytes (CXP81720A)
                                               24K bytes (CXP81724A)
• Incorporated RAM capacity 800 bytes
• Peripheral functions
    — A/D converter 8-bit, 12-channel, successive approximation system
                                (Conversion time 20.0µs/16MHz)
    — Serial interface Incorporated 8-bit and 8-stage FIFO, 1-channel
                                                      (1 to 8 bytes auto transfer)
                                                      8-bit serial I/O, 1-channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time base timer
                   32kHz timer/counter
    — High precision timing pattern generator PPG 19 pins 32-stage programmable
                                                                        RTG 5-pins 2-channel
    — PWM/DA gate output 12-bit, 2-channel (Repetitive frequency 62kHz/16MHz)
    — FRC capture unit Incorporated 26-bit and 8-stage FIFO
    — PWM output 14-bit, 1-channel
    — Remote control receiving circuit 8-bit pulse measuring counter, 6-stage FIFO
• Interruption 20 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 100-pin plastic QFP/LQFP
• Piggyback/evaluation chip CXP81800 100-pin ceramic QFP/LQFP




Similar Part No. - CXP81720A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP81720B SONY-CXP81720B Datasheet
351Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP81720A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com